Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1827T-1802EAB Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1827T-1802EAB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827T-1802EAB Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1827T-1802EAB Datasheet HTML 2Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 3Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 4Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 5Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 6Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 7Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 8Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 9Page - Microchip Technology MCP1827T-1802EAB Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP1827/MCP1827S
DS22001B-page 6
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN....................................................................................6.5V
Maximum Voltage on Any Pin .. (GND – 0.3V) to (VDD + 0.3)V
Maximum Power Dissipation......... Internally-Limited (Note 6)
Output Short Circuit Duration ................................Continuous
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature, TJ ...........................+150°C
ESD protection on all pins (HBM/MM)
........... ≥ 2kV; 200V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX) Note 1, VR=1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C. Boldface type applies for junction temperatures, TJ (Note 7) of -
40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.3
6.0
V
Note 1
Input Quiescent Current
Iq
120
220
µA
IL = 0 mA, VIN = Note 1,
VOUT = 0.8V to 5.0V
Input Quiescent Current for
SHDN Mode
ISHDN
—0.1
3
µA
SHDN = GND
Maximum Output Current
IOUT
1.5
——
A
VIN = 2.3V to 6.0V
VR = 0.8V to 5.0V, Note 1
Line Regulation
ΔVOUT/
(VOUT x ΔVIN)
—0.05
0.16
%/V
(Note 1)
≤ VIN ≤ 6V
Load Regulation
ΔVOUT/VOUT
-1.0
±0.5
1.0
%IOUT = 1 mA to 1.5A,
VIN = Note 1, (Note 4)
Output Short Circuit Current
IOUT_SC
—2.2
A
VIN = Note 1, RLOAD <0.1Ω,
Peak Current
Adjust Pin Characteristics (Adjustable Output Only)
Adjust Pin Reference Voltage
VADJ
0.402
0.410
0.418
VVIN = 2.3V to VIN =6.0V,
IOUT = 1 mA
Adjust Pin Leakage Current
IADJ
-10
±0.01
+10
nA
VIN = 6.0V, VADJ =0Vto 6V
Adjust Temperature Coefficient
TCVOUT
—40
ppm/°C Note 3
Fixed-Output Characteristics (Fixed Output Only)
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VOUTMAX + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above 150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.


Similar Part No. - MCP1827T-1802EAB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1827T-1802E/AB MICROCHIP-MCP1827T-1802E/AB Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827T-1802E/AT MICROCHIP-MCP1827T-1802E/AT Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827T-1802E/EB MICROCHIP-MCP1827T-1802E/EB Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827T-1802E/ET MICROCHIP-MCP1827T-1802E/ET Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1827T-1802EAB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
   1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com