Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ136 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFQ136
Description  NPN 4 GHz wideband transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ136 Datasheet(HTML) 9 Page - NXP Semiconductors

  BFQ136 Datasheet HTML 1Page - NXP Semiconductors BFQ136 Datasheet HTML 2Page - NXP Semiconductors BFQ136 Datasheet HTML 3Page - NXP Semiconductors BFQ136 Datasheet HTML 4Page - NXP Semiconductors BFQ136 Datasheet HTML 5Page - NXP Semiconductors BFQ136 Datasheet HTML 6Page - NXP Semiconductors BFQ136 Datasheet HTML 7Page - NXP Semiconductors BFQ136 Datasheet HTML 8Page - NXP Semiconductors BFQ136 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
September 1995
9
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ136
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - BFQ136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ131 PHILIPS-BFQ131 Datasheet
40Kb / 6P
   NPN video transistor
1995 Sep 26
BFQ135 PHILIPS-BFQ135 Datasheet
78Kb / 12P
   NPN 6.5 GHz wideband transistor
1997 Nov 07
More results

Similar Description - BFQ136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
NXP Semiconductors
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com