Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG12232B1 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BG12232B1
Description  COB with metal frame, with FFC cable Built-in internal clock
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BG12232B1 Datasheet(HTML) 1 Page - Bolymin, Inc

  BG12232B1 Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BG12232B1
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7
Power supply +3V~+ 5V
GND
Contrast Adjustment
L: RESET
Data Latch For chip1
Data Latch For chip2
H: Read L: write
Vdd
Vss
Vo
/RES
E1
E2
R/W
mm
mm
mm
mm
65.4 x 28.2
54.8 x 19.0
0.36 x 0.41
0.4 x 0.45
Dimension
BO LYM IN
1. COB with metal frame, with FFC cable
2. Built-in internal clock
3. Built-in controller SED1520Doa
4. 1/32 duty cycle
5. +3V~+ 5V single power supply
6. Option: LED edge B/L
7. No negative voltage potion
8
9~16
H: Data L: instruction
Data bus line
Ao
DB0~ 7
17
18
Power supply B/L (+)
Power supply for B/L (GND)
A
K
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
Vdd
Idd
Vdd-Vo
Vf
If
Vdd = +5V
Vdd = +5V
25 C
5.0
0.5
4.7
2.1
100
V
mA
V
V
mA
Typical
Value
Electronic Characteristics
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
0.4
48.76
3.02
4.1
1.2
54.8(VA)
63.0(LCD outline)
65.4
±0.5
5.5 MAX
2.0
.0
LED B/L or
NO B/L (WITH HOUSING)
DOT SIZE
SCALE 10/1


Similar Part No. - BG12232B1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG12232B BOLYMIN-BG12232B Datasheet
112Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG12232B BOLYMIN-BG12232B_17 Datasheet
508Kb / 1P
   COB with Metal Frame
More results

Similar Description - BG12232B1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG12232A1 BOLYMIN-BG12232A1 Datasheet
360Kb / 1P
   COB with metal frame Built-in internal clock
BG20232A BOLYMIN-BG20232A Datasheet
121Kb / 1P
   COB with metal frame Built-in internal clock
BG12232D1 BOLYMIN-BG12232D1 Datasheet
164Kb / 1P
   COB with metal frame built-in oscillation
BG12232D BOLYMIN-BG12232D Datasheet
166Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG12232C BOLYMIN-BG12232C Datasheet
111Kb / 1P
   COB with metal frame No built-in oscillation
BG12232B BOLYMIN-BG12232B Datasheet
112Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG9832B BOLYMIN-BG9832B Datasheet
90Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG9832C BOLYMIN-BG9832C Datasheet
162Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG12232A BOLYMIN-BG12232A Datasheet
134Kb / 1P
   COB with metal frame No built-in oscillation, requiring external clock
BG12864B BOLYMIN-BG12864B Datasheet
83Kb / 1P
   COB with metal frame Built-in controller ST7920
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com