Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP04CM596M Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP04CM596M
Description  4-Bit constant current for power-LED, LED sink driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP04CM596M Datasheet HTML 3Page - STMicroelectronics STP04CM596M Datasheet HTML 4Page - STMicroelectronics STP04CM596M Datasheet HTML 5Page - STMicroelectronics STP04CM596M Datasheet HTML 6Page - STMicroelectronics STP04CM596M Datasheet HTML 7Page - STMicroelectronics STP04CM596M Datasheet HTML 8Page - STMicroelectronics STP04CM596M Datasheet HTML 9Page - STMicroelectronics STP04CM596M Datasheet HTML 10Page - STMicroelectronics STP04CM596M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STP04CM596
Electrical characteristics
7/24
4
Electrical characteristics
Table 5. Current accuracy
Output voltage
Current accuracy
Output current
Between bits
Between ICs
≥ 0.7V
Typ. ± 1%
± 6%
80 to 500 mA
Table 6. Electrical characteristics (VDD = 5V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
Input voltage high level
0.7VDD
VDD
V
VIL
Input voltage low level
GND
0.3VDD
V
IOH
Output leakage current
VOH = 16 V
10
µA
VOL
Output voltage
(Serial-OUT)
IOL = 1mA
0.4
V
VOH
Output voltage
(Serial-OUT)
IOH = -1mA
VDD-0.4V
V
IOL1
Output current
VO = 0.7VREXT = 910 Ω
77
82
87
mA
IOL2
VO = 0.7VREXT = 160 Ω
470
500
530
mA
∆IOL1
Output current error
between bit (All Output
ON)
VO = 0.7VREXT = 910 Ω
1± 3
%
∆IOL2
VO = 0.7VREXT = 160 Ω
0.5
± 3
%
RSIN(up)
Pull-up resistor
150
300
600
K
RSIN(down) Pull-down resistor
100
200
400
K
IDD(OFF1)
Supply current (OFF)
REXT = OPEN
OUT 0 to 3 = OFF
0.3
0.6
mA
IDD(OFF2)
REXT = 470 Ω
OUT 0 to 3 = OFF
5.2
8.0
IDD(OFF3)
REXT = 250 Ω
OUT 0 to 3 = OFF
8.0
12
IDD(ON1)
Supply current (ON)
REXT = 470 Ω
OUT 0 to 3 = ON
5.6
8.0
IDD(ON2)
REXT = 250 Ω
OUT 0 to 3 = ON
8.3
12


Similar Part No. - STP04CM596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05B1R STMICROELECTRONICS-STP04CM05B1R Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05MTR STMICROELECTRONICS-STP04CM05MTR Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05XTTR STMICROELECTRONICS-STP04CM05XTTR Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
More results

Similar Description - STP04CM596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com