Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR25B201LT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GNR25B201LT
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR25B201LT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GNR25B201LT Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR25B201LT Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR25B201LT Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR25B201LT Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR25B201LT Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR25B201LT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VARISTORS
Catalog number system
G N R
2
0
D
2
0
1
K * * *
Product Series
Element Size
Type
Nominal Voltage at
1mA DC
Tolerance
Suffixes
GNR:
General Nonlinear Resistor
05
:ψ5mm
07
:ψ7mm
10
:ψ10mm
14
:ψ14mm
20
:ψ20mm
25
:ψ25mm
32
:ψ32mm
34
:34mm x 34mm
40
:ψ40mm
53
:ψ53mm
60
:60mm x 60mm
D
: Disk
S
: Square
B
: Block
The first two digits are
significant figures and
the third one denotes the
number of zeros
following
J
:
±5%
K
:
±10%
L
:
±15%
or customer
special
requirement
A
: F=7.5
4
: L=4mm±1mm
C
: Crimped lead
T
: Ammo
R
: Reel
….
….
….


Similar Part No. - GNR25B201LT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
GNR25BCZ CRYDOM-GNR25BCZ Datasheet
702Kb / 6P
   GNR 90mm Series
More results

Similar Description - GNR25B201LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com