Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR34D201JR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GNR34D201JR
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR34D201JR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GNR34D201JR Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR34D201JR Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR34D201JR Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR34D201JR Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR34D201JR Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR34D201JR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10D Specification
Maximum
Allowable
Voltage
Varistor
Voltage
Clamping
Voltage
(Max.)
Maximum
Peak current
(8/20μs)(A)
Maximum
Energy
(Joule)
Rated
Power
Typical
Capacitance
(Reference)
Model Number
ACrms
(V)
DC
(V)
(V)
VC(V)
Ip(A) 1 Time 2 Times
10/1000
μ
s
2ms
(w)
@1kHz(pF)
10D180K
11
14
18(16~20)
36
2.6
2.2
5200
10D220K
14
18
22(20~24)
43
3.2
2.6
4150
10D270K
17
22
27(24~30)
53
3.9
3.2
3450
10D330K
20
26
33(30~36)
65
4.8
4.0
3110
10D390K
25
31
39(35~43)
77
5.6
4.7
2630
10D470K
30
38
47(42~52)
93
6.8
5.6
2140
10D560K
35
45
56(50~62)
110
8.1
6.7
1820
10D680K
40
56
68(61~75)
135
5
1000
500
9.8
8.2
0.05
2580
10D820K
50
65
82(74~90)
135
14.0
10.0
2100
10D101K
60
85
100(90~110)
165
17.0
12.0
1880
10D121K
75
100
120(108~132)
200
20.0
14.5
1530
10D151K
95
125
150(135~165)
250
25.0
18.0
1100
10D181K
115
150
180(162~198)
300
32.0
21.0
450
10D201K
130
170
200(185~225)
340
35.0
25.0
430
10D221K
140
180
220(198~242)
360
39.0
27.5
410
10D241K
150
200
240(216~264)
395
42.0
30.0
380
10D271K
175
225
270(243~297)
455
49.0
35.0
350
10D301K
190
250
300(270~330)
500
54.0
38.0
320
10D331K
210
275
330(297~363)
550
58.0
42.0
300
10D361K
230
300
360(324~396)
595
65.0
45.0
300
10D391K
250
320
390(351~429)
650
70.0
50.0
300
10D431K
275
350
430(387~473)
710
80.0
55.0
270
10D471K
300
385
470(423~517)
775
85.0
60.0
230
10D511K
320
415
510(459~561)
845
92.0
67.0
210
10D561K
350
460
560(504~616)
925
92.0
67.0
200
10D621K
385
505
620(558~682)
1025
92.0
67.0
190
10D681K
420
560
680(612~748)
1120
92.0
67.0
170
10D751K
460
615
750(675~825)
1240
100.0
70.0
160
10D781K
485
640
780(702~858)
1290
105.0
75.0
150
10D821K
510
670
820(738~902)
1355
110.0
80.0
140
10D911K
550
745
910(819~1001)
1500
130.0
90.0
120
10D102K
625
825
1000(900~1100)
1650
140.0
100
110
10D112K
680
895
1100(990~1210)
1815
155.0
110
110
10D182K
1000
1465
1800(1700~1980)
2970
25
3500
2500
247.0
183
0.4
70
Operating Temperature Range
: -40 to 85℃
Varistor Voltage : 10D series …V1mA
Storage Temperature Range
: -40 to 125℃
Standard No.
UL 1414
UL 1449
UL 497B
CUL
CSA C22.2 No.1
VDE 42000
File No.
E181368
E166389
E187844
E166389
LR105317
5938
180K~680K
Approved
Approved
820K~181K
Approved
Approved
Approved
Approved
201K~471K
Approved
Approved
Approved
Approved
Approved
Approved
511K
Approved
Approved
Approved
Approved
561K~821K
Approved
Approved
Approved
Approved
Approved
911K~182K
Approved


Similar Part No. - GNR34D201JR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GNR30AHZ ETC2-GNR30AHZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Crydom Inc.,
GNR30AHZ CRYDOM-GNR30AHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
GNR30AHZ CRYDOM-GNR30AHZ Datasheet
1Mb / 6P
   GNR 22.5mm Series
FDE-07-01 REV. A
logo
List of Unclassifed Man...
GNR30BHZ ETC2-GNR30BHZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Crydom Inc.,
GNR30BHZ CRYDOM-GNR30BHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
More results

Similar Description - GNR34D201JR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com