Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1-4L3 Datasheet(PDF) 4 Page - NEC

Part # EP1-4L3
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP1-4L3 Datasheet(HTML) 4 Page - NEC

  EP1-4L3 Datasheet HTML 1Page - NEC EP1-4L3 Datasheet HTML 2Page - NEC EP1-4L3 Datasheet HTML 3Page - NEC EP1-4L3 Datasheet HTML 4Page - NEC EP1-4L3 Datasheet HTML 5Page - NEC EP1-4L3 Datasheet HTML 6Page - NEC EP1-4L3 Datasheet HTML 7Page - NEC EP1-4L3 Datasheet HTML 8Page - NEC EP1-4L3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EP2 Series
FEATURES
q Twin relay for motor and solenoid reversible control
q 50% Iess relay space than conventional two relays
q Contact switching current of 25 A max.
q High performance and productivity by unique
symmetrical structure
q Flux tight housing
q Delivered in stick-tube for automatic insertion machine
q Washable type available
PART NUMBERS AND COIL RATINGS
Nominal
Coil
Nominal
Must
Must
Nominal
Voltage
Resistance
Current
Operate Voltage Release Voltage
Operate Power
(Vdc)
(
Ω ± 10%)
(mA)
(Vdc max.)
(Vdc min.)
(W)
12
225
53.3
6.5
0.9
0.64
12
225
53.3
7.0
0.9
0.64
12
225
53.3
7.5
0.9
0.64
12
300
40.0
7.5
0.9
0.48
12
300
40.0
8.0
0.9
0.48
12
300
40.0
8.5
0.9
0.48
Part Numbers
H Bridge Type Separate Type
EP2-3N1S
EP2-3N1ST
EP2-3N2S
EP2-3N2ST
EP2-3N3S
EP2-3N3ST
EP2-4N3S
EP2-4N3ST
EP2-4N4S
EP2-4N4ST
EP2-4N5S
EP2-4N5ST
at 25˚C (77˚F)
s PART NUMBER SYSTEM
EP2-B3L1ST
Wiring
Type
Enclosure
Carrying Current Capacity
Contact Material
Operate Voltage
(at 25
°C)
Coil Resistance
(at 25
°C)
Nil : H bridge type
T : Sparate type
Nil : Unsealed
S : Ssaled
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
4 : 8.0 V max.
5 : 8.5 V max.
Nil : Standard type
B : High current type
3 : 225
Ω ± 10%
4 : 300
Ω ± 10%
L : Silver oxide complex alloy type I
N : Silver oxide complex alloy type II
G : Silver oxide complex alloy
(High current type)


Similar Part No. - EP1-4L3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EP1-3N1S KEMET-EP1-3N1S Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
EP1-B3G1S KEMET-EP1-B3G1S Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
More results

Similar Description - EP1-4L3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com