Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121586-5088 Datasheet(PDF) 5 Page - ITT Industries

Part # 121586-5088
Description  2.0 CONNECTOR SYSTEM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

121586-5088 Datasheet(HTML) 5 Page - ITT Industries

  121586-5088 Datasheet HTML 1Page - ITT Industries 121586-5088 Datasheet HTML 2Page - ITT Industries 121586-5088 Datasheet HTML 3Page - ITT Industries 121586-5088 Datasheet HTML 4Page - ITT Industries 121586-5088 Datasheet HTML 5Page - ITT Industries 121586-5088 Datasheet HTML 6Page - ITT Industries 121586-5088 Datasheet HTML 7Page - ITT Industries 121586-5088 Datasheet HTML 8Page - ITT Industries 121586-5088 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
5
AAAM
AL
AA
AAB
AB
B
A
AA
A
A
B
A
A
B
A
A
L
A
C
N
C
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
*
**
*
**
B
BB
System modularity
CHM 2.0 modules offer a great versatility to optimize large contact densities.
Especially the combination with coaxial or fiberoptic connections.
Stacking can be arranged from 50 mm using type A module, increasing
in 25 mm steps to required lengths.
Connectors with multifunction block (type A, M, L) are preferably used
at the top of any column. Type B is only used between other modules.
The modules type C and N (25 mm) are polarized and are used at the
bottom end of the columns.
Correct mating is assured by use of coding keys within the multifunction
block and by use of type C and N modules.
* total length for Europa cards
** total length for ETSI PCBs


Similar Part No. - 121586-5088

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121586-5067 ITT-121586-5067 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
121586-5068 ITT-121586-5068 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
121586-5069 ITT-121586-5069 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
121586-5075 ITT-121586-5075 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
121586-5077 ITT-121586-5077 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 121586-5088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX560-900-FL AXIOMTEK-EBOX560-900-FL Datasheet
375Kb / 1P
   Fanless Edge System with NVIDIA짰 JETSON??TX2, 1 HDMI 2.0, 2 GbE LANs and 1 USB 2.0
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com