Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48511B Datasheet(PDF) 3 Page - Texas Instruments

Part # PTB48511B
Description  Dual Complementary-Output DC/DC Converter for DSL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48511B Datasheet(HTML) 3 Page - Texas Instruments

  PTB48511B Datasheet HTML 1Page - Texas Instruments PTB48511B Datasheet HTML 2Page - Texas Instruments PTB48511B Datasheet HTML 3Page - Texas Instruments PTB48511B Datasheet HTML 4Page - Texas Instruments PTB48511B Datasheet HTML 5Page - Texas Instruments PTB48511B Datasheet HTML 6Page - Texas Instruments PTB48511B Datasheet HTML 7Page - Texas Instruments PTB48511B Datasheet HTML 8Page - Texas Instruments PTB48511B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and further information visit http://power.ti.com
PTB48510A, PTB48511A
Dual Complementary-Output
DC/DC Converter for DSL
Specifications (Unless otherwise stated, Ta =25°C, Vin =48 V, Cin =0 µF, ±Co =0 µF, |+Io | = |–Io |, and |±Io | =0.5 |±Io |max)
PTB4851xA
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Power
Po
Total output power from ±Vo
0—
65 (1)
W
Output Current
|±Io |
Over Vin range, |+Io | – |–Io | ≤ 0.1 A
0
6.5 (2)
A
Output Load Imbalance
|+Io | – |–Io ||+Io | ≥0.1 A, |–Io | ≥ 0.1 A
0
1
(3)
A
Output Voltage
|±Vo|
Inlcudes set-point, line,
|+Io | – |–Io | ≤ 0.1 A
4.75 (2)
5
5.25 (2)
V
–40
≤Ta ≤+85°C
Temperature Variation
∆Regtemp
–40
≤Ta≤ +85°C, |±Io | =0.1 A
+Vo
—±1
%Vo
–Vo
—±1
Line Regulation
∆Regline
Over Vin range, balanced load
±Vo
±0.1
±0.4
%Vo
Load Regulation
∆Regload
Over ±Io range, balanced load
±Vo
±0.2
±0.4
%Vo
Efficiency
η
—86
%
Vo Ripple (pk-pk)
±Vr
20 MHz bandwidth,
20
30 (4)
mVpp
Co =10 µF tantalum capacitor
Transient Response
ttr
0.1 A/µs load step, 50% to 75% ±Iomax
30
µs
∆Vtr
|±Vo|over/undershoot
±1.0
%Vo
Over Current Threshold
Iotrip
Vin =36 V
6.8
7.5
10
A
reset followed by auto-recovery
Over-Voltage Threshold
|±Vo| trip
Outputs latched off (5)
PTB48510
N/A
N/A
V
PTB48511
5.9
7
Short Circuit Current
Continuous over-current trip,
|±Io |pk
12.5
A
|+Io | = |–Io |
Duty
10
%
Output Voltage Adjust Range
|±Vo|adj
|+Vo | and |–Vo | adjust simulataneously
3.5
5.5
V
Switching Frequency
ƒs
Over Vin and Io ranges
440
470 (6)
500
kHz
Under-Voltage Lockout
Vinon
Vin increasing
33
V
Vinoff
Vin decreasing
32
On/Off Enable (pin 3)
Referenced to –Vin (pin 4)
Input High Voltage
VIH
+3.6
+75 (7)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
——–1
mA
Standby Input Current
Iin standby
pin 3 open circuit
2
mA
Start-up Time
ton
|±Io | =1 A, |±Vo | rising 0 to 0.95 |±Vo | typ
6
1022ms
Internal Input Capacitance
Cin
—3
—µF
External Output Capacitance
±Co
Capacitance from either output to COM (pin 6)
0
5,000 (8)
µF
Reliability
MTBF
Per Bellcore TR-332
PTB48510A
2.7
106 Hrs
50% stress, Ta =40°C, gnd benign PTB48511A
2.5
Notes:
(1) See Safe Operating Area curves or contact the factory for the appropriate derating.
(2) Under balanced load conditions, load current flowing out of +Vo is balanced to within ±0.1 A of that flowing into –Vo.
(3) A load imbalance is the difference in current flowing from +Vo to –Vo. The module can operate with a higher imbalance but with reduced specifications.
(4) Output voltage ripple is measured with a 10 µF tantalum capacitor connected from +Vo (pin 5) or –Vo (pin 8), to COM (pin 6).
(5) If the over-voltage threshold is exceeded by either regulated output the module will shut down, turning both outputs off. This is a latched condition, which
can only by reset by removing and then re-applying the module’s input power.
(6) This is the free-running frequency. The module can be made to synchronize with the PTB48500 when both modules are used together in a system.
(7) The On/Off Enable (pin 3) has an internal pull-up and may be controlled with an open-collector (or open-drain) transistor. The input is diode protected
and may be connected to +Vin. The open-circuit voltage is 5 V max. If it is left open circuit the converter will operate when input power is applied.
(8) Electrolytic capacitors with very low equivalent series resistance (ESR) may induce instability when used on the output. Consult the factory before using
capacitors with organic, or polymer-aluminum type electrolytes.
SLTS219C - FEBRUARY 2004 - REVISED OCTOBER 2004


Similar Part No. - PTB48511B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48511BAH TI1-PTB48511BAH Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48511BAZ TI1-PTB48511BAZ Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
More results

Similar Description - PTB48511B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com