Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5823-PLQW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5823-PLQW
Description  UHF ASK/FSK Transceiver
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5823-PLQW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5823-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 9Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 10Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 11Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 12Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 13Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 14Page - ATMEL Corporation ATA5823-PLQW Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
11
4829C–RKE–09/05
ATA5823/ATA5824
A low-IF architecture is also less sensitive to second-order intermodulation (IIP2) than direct
conversion receivers where every pulse or amplitude modulated signal (especially the signals
from TDMA systems like GSM) demodulates to the receiving signal band at second-order
non-linearities.
7.2
Input Matching at RF_IN
The measured input impedances as well as the values of a parallel equivalent circuit of these
impedances can be seen in Table 7-1. The highest sensitivity is achieved with power matching
of these impedances to the source impedance of 50
Ω.
The matching of the LNA Input to 50
Ω was done with the circuit according to Figure 7-1 and with
the values of the matching elements given in Table 7-2. The reflection coefficients were always
10 dB. Note that value changes of C
1 and L1 may be necessary to compensate individual
board layout parasitics. The measured typical FSK and ASK Manchester code sensitivities with
a Bit Error Rate (BER) of 10
-3 are shown in Table 7-3 on page 12 and Table 7-4 on page 12.
These measurements were done with multilayer inductors having quality factors according to
Table 7-2, resulting in estimated matching losses of 0.8 dB at 315 MHz, 0.8 dB at 433.92 MHz
and 0.7 dB at 868.3 MHz. These losses can be estimated when calculating the parallel equiva-
lent resistance of the inductor with R
loss = 2 × π × f × L × QL and the matching loss with
10 log(1+R
In_p/Rloss).
With an ideal inductor, for example, the sensitivity at 433.92 MHz/FSK/20 kBaud/
±19.5 kHz/Manchester can be improved from 105.5 dBm to 106.7 dBm. The sensitivity also
depends on the values in the registers of the control logic which examines the incoming data
stream. The examination limits must be programmed in control registers 5 and 6. The measure-
ments in Table 7-3 and Table 7-4 on page 12 are based on the values of registers 5 and 6
according to Table 14-3 on page 60.
Figure 7-1.
Input Matching to 50
Table 7-1.
Measured Input Impedances of the RF_IN Pin
f
RF/MHz
Z
In(RF_IN)
R
In_p//CIn_p
315
(44-j233)
1278
Ω//2.1 pF
433.92
(32-j169)
925
Ω//2.1 pF
868.3
(21-j78)
311
Ω//2.2 pF
ATA5823/ATA5824
RF_IN
4
C
1
L
1


Similar Part No. - ATA5823-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5823-PLQW ATMEL-ATA5823-PLQW Datasheet
1Mb / 96P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5823-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com