Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5428 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5428
Description  UHF ASK/FSK Transceiver
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5428 Datasheet HTML 7Page - ATMEL Corporation ATA5428 Datasheet HTML 8Page - ATMEL Corporation ATA5428 Datasheet HTML 9Page - ATMEL Corporation ATA5428 Datasheet HTML 10Page - ATMEL Corporation ATA5428 Datasheet HTML 11Page - ATMEL Corporation ATA5428 Datasheet HTML 12Page - ATMEL Corporation ATA5428 Datasheet HTML 13Page - ATMEL Corporation ATA5428 Datasheet HTML 14Page - ATMEL Corporation ATA5428 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
11
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
A low-IF architecture is also less sensitive to second-order intermodulation (IIP2) than direct
conversion receivers, where every pulse or AM-modulated signal (especially the signals from
TDMA systems like GSM) demodulates to the receiving signal band at second-order
non-linearities.
Note:
120 dBC/Hz at ±1 MHz and 75 dBC at ±FREF at 433.92 MHz
3.2
Input Matching at RF_IN
The measured input impedances as well as the values of a parallel equivalent circuit of these
impedances can be seen in Table 3-1. The highest sensitivity is achieved with power matching
of these impedances to the source impedance of 50
The matching of the LNA Input to 50
Ω was done with the circuit shown in Figure 3-1 and with the
values given in Table 3-2 on page 12. The reflection coefficients were always
≤10 dB. Note that
value changes of C
1 and L1 may be necessary to compensate for individual board layouts. The
measured typical FSK and ASK Manchester code sensitivities with a Bit Error Rate (BER) of 10-3
are shown in Table 3-3 and Table 3-4 on page 12. These measurements were done with induc-
tors having a quality factor according to Table 3-2, resulting in estimated matching losses of
0.8 dB at 315 MHz, 0.8 dB at 345 MHz, 0.7 dB at 433.92 MHz, 0.7 dB at 868.3 MHz and 0.7 at
915 MHz. These losses can be estimated when calculating the parallel equivalent resistance of
the inductor with R
loss =2 ×π × f × L × QL and the matching loss with 10 log(1 + Rp/Rloss).
With an ideal inductor, for example, the sensitivity at 433.92 MHz/FSK/20 Kbit/s/
±16 kHz/Manchester can be improved from –106 dBm to –106.7 dBm. The sensitivity depends
on the control logic which examines the incoming data stream. The examination limits must be
programmed in control registers 5 and 6. The measurements in Table 3-3 and Table 3-4 on
page 12 are based on the values of registers 5 and 6 according to Table 9-3 on page 61.
Figure 3-1.
Input Matching to 50
Table 3-1.
Measured Input Impedances of the RF_IN Pin
fRF/MHz
Z(RF_IN)
Rp//Cp
315
(44
-j233)
1278
Ω//2.1 pF
345
(40
-j211)
1153
Ω//2.1 pF
433.92
(32
-j169)
925
Ω//2.1 pF
868.3
(21
-j78)
311
Ω//2.2 pF
915
(18
-j70)
290
Ω//2.3 pF
L1
C1
4
RF_IN
ATA5423/ATA5425
ATA5428/ATA5429


Similar Part No. - ATA5428

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5428 ATMEL-ATA5428 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5428 ATMEL-ATA5428 Datasheet
182Kb / 2P
   SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
ATA5428 ATMEL-ATA5428 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5428-PLQW ATMEL-ATA5428-PLQW Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5428-PLSW ATMEL-ATA5428-PLSW Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5428

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com