Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR07S201LR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GNR07S201LR
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR07S201LR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GNR07S201LR Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR07S201LR Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR07S201LR Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR07S201LR Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR07S201LR Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR07S201LR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TYPE
GNR10D
□□□K
MODEL
PAGE
4/4
CITATION
DATE Jul. 21, 2004
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
C01
MAXIMUM
ALLOWABLE
VOLTAGE
VARISTOR
VOLTAGE
CLAMPING
VOLTAGE
(MAX.)
RATED
WATTAGE
(MAX.)
SURGE
CURRENT
(8/20
µ s)
MAXIMUM
ENERGY
(10/1000
µs)
SURGE
LIFE
Itm(A)
PART
NUMBER
ACrms(V) DC(V)
(V)
(V)
Ip(A)
(W)
1 TIME
2 TIMES
Wtm(joule)
(A)
10D180K
11
14
16~20
36
2.6
10D220K
14
18
20~24
43
3.2
10D270K
17
22
24~30
53
3.9
10D330K
20
26
30~36
65
4.8
10D390K
25
31
35~43
77
5.6
10D470K
30
38
42~52
93
6.8
10D560K
35
45
50~62
110
8.1
10D680K
40
56
61~75
135
5
0.05
1000 500
9.8
50
10D820K
50
65
74~90
135
14
10D101K
60
85
90~110
165
17
10D121K
75
100
108~132
200
20
10D151K
95
125
135~165
250
25
10D181K
115
150
162~198
300
32
10D201K
130
170
185~225
340
35
10D221K
140
180
198~242
360
39
10D241K
150
200
216~264
395
42
10D271K
175
225
247~303
455
49
10D301K
190
250
270~330
505
54
10D331K
210
275
297~363
545
58
10D361K
230
300
324~396
595
65
10D391K
250
320
351~429
650
70
10D431K
275
350
387~473
710
80
10D471K
300
385
423~517
775
85
10D511K
320
410
459~561
845
92
10D561K
350
460
504~616
920
92
10D621K
385
505
558~682
1025
92
10D681K
420
560
612~748
1120
92
10D751K
460
615
675~825
1240
100
10D781K
485
640
702~858
1290
105
10D821K
510
670
738~902
1355
110
10D911K
550
745
819~1001
1500
130
10D102K
625
825
900~1100
1650
140
10D112K
680
895
990~1210
1815
155
150
10D182K
1000
1465
1700~1980
2970
25
0.4
3500 2500
247
120


Similar Part No. - GNR07S201LR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR07D101K CERAMATE-GNR07D101K Datasheet
61Kb / 5P
   VARISTOR
GNR07D101K CERAMATE-GNR07D101K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
GNR07D121K CERAMATE-GNR07D121K Datasheet
61Kb / 5P
   VARISTOR
GNR07D121K CERAMATE-GNR07D121K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
GNR07D151K CERAMATE-GNR07D151K Datasheet
61Kb / 5P
   VARISTOR
More results

Similar Description - GNR07S201LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com