Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT22J21B202QA Datasheet(PDF) 3 Page - ITT Industries

Part # DT22J21B202QA
Description  Miniature Double Pole Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DT22J21B202QA Datasheet(HTML) 3 Page - ITT Industries

  DT22J21B202QA Datasheet HTML 1Page - ITT Industries DT22J21B202QA Datasheet HTML 2Page - ITT Industries DT22J21B202QA Datasheet HTML 3Page - ITT Industries DT22J21B202QA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ittcannon.com
H–69
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
H
ACTUATOR COLOR
DT Series
Miniature Double Pole Rocker Switches
MOUNTING STYLE/COLOR
TERMINATION
OPTION
ACTUATOR
CODE
COLOR
2
BLACK
1
WHITE
3
RED
R
RED, ILLUMINATED
A
AMBER, ILLUMINATED
G
GREEN, ILLUMINATED
PANEL MOUNTING
PANEL THICKNESS
“X”
“Y”
0.030-0.049 (0,75-1,25)
0.756-.004 (19,2-0,1)
0.512+.004 (13,0+0,1)
0.049-0.079 (1,25-2,0)
0.764-.004 (19,4-0,1)
0.512+.004 (13,0+0,1)
0.079-0.118 (2,0-3,0)
0.780-.004 (19,8-0,1)
0.512+.004 (13,0+0,1)
S2 SNAP-IN, BLACK
S1 SNAP-IN, WHITE
B2 RECESSED SNAP-IN BRACKET, BLACK
G2 GUARD, BLACK
NOTE:
Available with DT102 switch functions only.
15 .187” QUICK CONNECT
02 PC THRU-HOLE
NOTE:
No VDE approval of this option.
1
2
.820
(20.83)
1.200
(30,48)
.080
(2,03)
1.366
(34,70)
1
2
.700
(17,78)
.940
(23,88)
.350
(8,89)
1.186
(30,13)
.315
(8,0)
.031
(0,8)
.051
(1,3)
.394
(10,0)
.126
(3,2)
.142
(3,6)


Similar Part No. - DT22J21B202QA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DT221UGK DALLAS-DT221UGK Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH DALLAS-DT221URH Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH-N DALLAS-DT221URH-N Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URK-NPS DALLAS-DT221URK-NPS Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URKPS DALLAS-DT221URKPS Datasheet
2Mb / 7P
   An economical means of transferring power
More results

Similar Description - DT22J21B202QA

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
C&K Components
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com