Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY25V-10PU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY25V-10PU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25V-10PU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY25V-10PU Datasheet HTML 7Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 8Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 9Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 10Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 11Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 12Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 13Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 14Page - ATMEL Corporation ATTINY25V-10PU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
2586AS–AVR–02/05
ATtiny25/45/85
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive). Also Halide free and fully Green.
3. For Speed vs. VCC,see Figure 23.4 on page 168
5.3
ATtiny85
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
10
1.8 - 5.5V
ATtiny85V-10PI
ATtiny85V-10PU(2)
ATtiny85V-10SI
ATtiny85V-10SU(2)
8P3
8P3
8S2
8S2
Industrial
(-40
°C to 85°C)
20
2.7 - 5.5V
ATtiny85-20PI
ATtiny85-20PU(2)
ATtiny85-20SI
ATtiny85-20SU(2)
8P3
8P3
8S2
8S2
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.209" Wide, Plastic Gull-Wing Small Outline (EIAJ SOIC)


Similar Part No. - ATTINY25V-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25V-10PU ATMEL-ATTINY25V-10PU Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25V-10PU ATMEL-ATTINY25V-10PU Datasheet
2Mb / 222P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25V-10PU ATMEL-ATTINY25V-10PU Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATTINY25V-10PU ATMEL-ATTINY25V-10PU Datasheet
662Kb / 29P
   Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY25V-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_1 Datasheet
4Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_09 Datasheet
544Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com