Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320MB110REI Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29LV320MB110REI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MB110REI Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29LV320MB110REI Datasheet HTML 1Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 2Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 3Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 4Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MB110REI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
Am29LV320MT/B
May 16, 2003
DA T A SH EET
GENERAL DESCRIPTION
The Am29LV320M/TB is a 32 Mbit, 3.0 volt single
power supply flash memory device organized as
2,097,152 words or 4,194,304 bytes. The device has
an 8-bit/16-bit bus and can be programmed either in
the host system or in standard EPROM programmers.
An access time of 90, 100, 110, or 120 ns is available.
Note that each access time has a specific operating
voltage range (V
CC) and an I/O voltage range (VIO), as
specified in the Product Selector Guide and the Order-
ing Information sections. The device is offered in a
48-pin TSOP, 48-ball Fine-pitch BGA or 64-ball Forti-
fied BGA package. Each device has separate chip en-
able (CE#), write enable (WE#) and output enable
(OE#) controls.
Each device requires only a single 3.0 volt power
supply for both read and write functions. In addition to
a V
CC input, a high-voltage accelerated program
(ACC) function provides shorter programming times
through increased current on the WP#/ACC input. This
feature is intended to facilitate factory throughput dur-
ing system production, but may also be used in the
field if desired.
The device is entirely command set compatible with
the JEDEC single-power-supply Flash standard.
Commands are written to the device using standard
microprocessor write timing. Write cycles also inter-
nally latch addresses and data needed for the pro-
gramming and erase operations.
The sector erase architecture allows memory sec-
tors to be erased and reprogrammed without affecting
the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through
command sequences. Once a program or erase oper-
ation has begun, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or
monitor the Ready/Busy# (RY/BY#) output to deter-
mine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces com-
mand sequence overhead by requiring only two write
cycles to program data instead of four.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of sectors of memory.
This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows
the host system to pause an erase operation in a
given sector to read or program any other sector and
then complete the erase operation. The Program
Suspend/Program Resume feature enables the host
system to pause a program operation in a given sector
to read any other sector and then complete the pro-
gram operation.
The hardware RESET# pin terminates any operation
in progress and resets the device, after which it is then
ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the host system to
read boot-up firmware from the Flash memory device.
Th e de vice re du ces po wer con sump tio n in th e
standby mode when it detects specific voltage levels
on CE# and RESET#, or when addresses have been
stable for a specified period of time.
The Write Protect (WP#) feature protects the top or
bottom two sectors by asserting a logic low on the
WP#/ACC pin. The protected sector will still be pro-
tected even during accelerated programming.
The SecSi
 (Secured Silicon) Sector provides a
128-word/256-byte area for code or data that can be
permanently protected. Once this sector is protected,
no further changes within the sector can occur.
AMD MirrorBit flash technology combines years of
Flash memory manufacturing experience to produce
the highest levels of quality, reliability and cost effec-
tiveness. The device electrically erases all bits within a
sector simultaneously via hot-hole assisted erase. The
data is programmed using hot electron injection.


Similar Part No. - AM29LV320MB110REI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MB110REI SPANSION-AM29LV320MB110REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV320MB110REI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com