Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA555812M01-PP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA555812M01-PP
Description  1 kbit R/W IDIC with Deterministic Anticollision
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA555812M01-PP Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA555812M01-PP Datasheet HTML 1Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 2Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 3Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 4Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 5Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 6Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 7Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 8Page - ATMEL Corporation ATA555812M01-PP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
4681C–RFID–09/05
ATA5558 [Preliminary]
Figure 2-2.
Bi-phase Timing Diagram
2.5
Binary Bit Rate Generator
The tag’s data rate is binary programmable in the configuration register to operate at any bit rate
between RF/2 and RF/64.
2.6
Memory Section
2.6.1
Memory Map
The physical memory is subdivided into two logical sections (see Figure 2-3). The first logical
memory section contains the 1024 bits of user data. The second logical memory section con-
tains 320 bits of system/configuration data. Both memories are organized in 32-bit data blocks,
each block being equipped with a single lock bit, with which the associated block can be write
protected. Command controlled programming and reading always takes place on a serial MSB
first block basis so that a block constitutes the smallest directly accessible data unit. The user
memory is further subdivided into 8 pages, each of 4 blocks in size. This provides the basis of
the page security scheme (“Password Protection” on page 6).
Figure 2-3.
Memory Map Structure
1
Data rate = F
RF/8
0
NRZ data stream
Biphase coded
RF field
Bi-phase coded
Modulator signal
01
110
1
Data rate
RF
2n
1
+
()
---------------------
=
31
:
4
3
2
1
0
30
29
7
6
5
28
27
31
36h
37h
3Eh
3Fh
3Dh
3Ch
3Bh
3Ah
39h
38h
1Eh
1Fh
1Dh
1Ch
00h
01h
03h
02h
1Bh
04h
05h
06h
07h
L
L
L
L
L
L
L
L
Configuration
Password/Page Security
Traceability 3
Traceability 2
Traceability 1
Tag ID 3
Tag ID 2
Tag ID 1
System memory
User memory
L
62
63
61
60
59
58
57
56
55
54
L
Password - Write
Password - Read
31 30 29
0
1
2
30 29
0
1
2
31
bit position
bit position
User data block0/page0
User data block1/page0
User data block2/page0
User data block3/page0
User data block4/page1
User data block5/page1
User data block6/page1
User data block7/page1
User data block31/page7
User data block30/page7
User data block29/page7
:
L
L
L
L
L
L
:
L
L
L
L
L
User data block28/page7
User data block27/page6
L
L
L
L
Lock bits


Similar Part No. - ATA555812M01-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DBB ATMEL-ATA555812-DBB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA555812-DDB ATMEL-ATA555812-DDB Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
More results

Similar Description - ATA555812M01-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558_09 Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
T5554 ATMEL-T5554 Datasheet
793Kb / 27P
   Standard R/W IDIC (264 Bit) with Integrated Capacitance
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com