Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ232A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFQ232A
Description  NPN video transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ232A Datasheet(HTML) 6 Page - NXP Semiconductors

  BFQ232A Datasheet HTML 1Page - NXP Semiconductors BFQ232A Datasheet HTML 2Page - NXP Semiconductors BFQ232A Datasheet HTML 3Page - NXP Semiconductors BFQ232A Datasheet HTML 4Page - NXP Semiconductors BFQ232A Datasheet HTML 5Page - NXP Semiconductors BFQ232A Datasheet HTML 6Page - NXP Semiconductors BFQ232A Datasheet HTML 7Page - NXP Semiconductors BFQ232A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Oct 02
6
Philips Semiconductors
Product specification
NPN video transistors
BFQ232; BFQ232A
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
bp
12
3
L1
w M
e


Similar Part No. - BFQ232A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFQ232A ETC2-BFQ232A Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BFQ232A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ262 PHILIPS-BFQ262 Datasheet
66Kb / 12P
   NPN video transistors
1997 Oct 02
BFQ236 PHILIPS-BFQ236 Datasheet
56Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ231 PHILIPS-BFQ231 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
logo
Continental Device Indi...
BF391 CDIL-BF391 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF391 TEL-BF391 Datasheet
90Kb / 3P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NXP Semiconductors
BFQ256 PHILIPS-BFQ256 Datasheet
56Kb / 8P
   PNP video transistors
1997 Oct 02
BFQ255 PHILIPS-BFQ255 Datasheet
63Kb / 8P
   PNP video transistors
1997 Oct 02
BFQ252 PHILIPS-BFQ252 Datasheet
63Kb / 8P
   PNP video transistors
1997 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com