Selected language     English  ▼


NJM2721 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJM2721
Description  Single Ultra-High speed and Wide Band Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

   
 5 page
background image
NJM2721
- 5 -
Ver.2004-01-23
■ TYPICAL CHARACTERISTICS
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
Time 10ns/div
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
+/V-=±2.5V, f=10MHz, V
O=2VPP, GV=0dB
RT=50Ω, RF=0Ω, CF=0pF, RL=150Ω to 0v, Ta=+25°C
CL=5pF
CL=100pF
Pulse Response (with Cpacitive load)
Input
CL=20pF
-2.0
-1.0
0.0
1.0
2.0
Time 10ns/div
V
+/V-=±2.5V, f=10MHz, V
O=2VPP, GV=0dB
RT=50Ω, RF=0Ω, CF=0pF, CL=5pF, RL=150Ω to 0v
Ta=-40°C
Ta=+85°C
Ta=+25°C
Pulse Response (correlation with Ta)
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
V
+/V-=±2.5V, V
IN=0.02Vpp, GV=40dB, RT=50Ω
RF=1.98kΩ, RG=20Ω, CF=0pF, RL=2kΩ, Ta=+25°C
Phase
Gain
CL=100pF
Voltage Gain vs. Frequency (with Cpacitive load)
CL=20pF
CL=5pF
100k
1M
10M
1G
100M
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
V
+/V-=±2.5V, V
IN=0.02Vpp, GV=40dB, RT=50Ω
RF=1.98kΩ, RG=20Ω, CF=0pF, RL=150Ω, CL=5pF
Phase
Gain
Ta=+85°C
Ta=+25°C
Ta=-40°C
Ta=+85°C
Ta=+25°C
Ta=-40°C
Voltage Gain vs. Frequency (correlation with Ta)
100k
1M
10M
1G
100M
-20
-15
-10
-5
0
5
10
15
20
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
V
+/V-=±2.5V, V
IN=0.02Vpp, GV=0dB, RT=50Ω
RF=0Ω, RG=open, CF=0pF, RL=150Ω, Ta=+25°C
Voltage Gain vs. Frequency (with Cpacitive load)
CL=20pF
CL=100pF
CL=5pF
100k
1M
10M
1G
100M
-20
-15
-10
-5
0
5
10
15
20
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
V
+/V-=±2.5V, V
IN=0.02Vpp, GV=0dB, RT=50Ω
RF=0Ω, RG=open, CF=0pF, RL=150Ω, CL=5pF
Voltage Gain vs. Frequency (correlation with Ta)
Ta=+85°C
Ta=-40°C
Ta=+25°C
100k
1M
10M
1G
100M




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2722Single Ultra-High speed and Wide Band Operational Amplifier 1 2 3 4 5 MoreNew Japan Radio
NJM2720Single Ultra-High speed and Wide Band Operational Amplifier 1 2 3 4 5 MoreNew Japan Radio
UPC844BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
NJM2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 New Japan Radio
UPC4572LOW SUPPLY VOLTAGE ULTRA LOW-NOISE HIGH SPEED WIDE BAND LOW IB DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
UPC4742SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
UPC4744SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
UPC842BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
TSH321WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
NJM2712ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl