Selected language     English  ā–¼


S-00201G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. S-00201G
Description  LCD BACK LIGHT, COG TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
S-00201G
LCD BACK LIGHT, COG TYPE
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
Ī»p(nm)
Input
Current
Typ.
Typ.
S-00201G
2.3X30.87mm
GaP
Yellow
Green
570
IF =10mA
4
2.1
S-00406VG
LCD BACK LIGHT, COG TYPE
Chip
Electro-Optical Characteristics
Iv(cd/m
2)
Vf(V)
Part No.
Luminous Area
(mm)
Raw
Material
Emitted
Color
Wave
Length
Ī»p(nm)
Input
Current
Typ.
Typ.
S-00406VG
1.9X39.4mm
GaP
Bright
Green
573
IF =20mA
7
4.2
1.All dimension are in millimeters.
2.Tolerance is Ā±0.20 mm unless otherwise specified.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
K-18001GX-PLCD BACK LIGHT COB TYPE LCD CHARACTER 240 X 128 1 List of Unclassifed Manufacturers
S-00808GLCD BACK LIGHT TAB TYPE 1 List of Unclassifed Manufacturers
K-03203GXLCD BACK LIGHT COB TYPE LCD CHARACTER 16X1 L 1 List of Unclassifed Manufacturers
K-04211GX-PLCD BACK LIGHT COB TYPE LCD CHARACTER 20 X 2 16 X 4 1 List of Unclassifed Manufacturers
FAN7310LCD Back Light Inverter Drive IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN7300LCD Back Light Inverter Drive IC 1 2 3 4 5 MoreFairchild Semiconductor
S6520PLCD Back Light Inverter with Analog Dimming 1 2 3 4 5 MoreAUK corp
BD6155FVMDC/DC converter for LCD back light 1 2 3 4 5 MoreRohm
FAN7548Dual LCD Back Light Inverter Drive IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN7315LCD Back Light Inverter Drive IC 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl