Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6755T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6755T
Description  High Speed Optocoupler, 10 MBd SOIC-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6755T Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6755T Datasheet HTML 1Page - Vishay Siliconix SFH6755T Datasheet HTML 2Page - Vishay Siliconix SFH6755T Datasheet HTML 3Page - Vishay Siliconix SFH6755T Datasheet HTML 4Page - Vishay Siliconix SFH6755T Datasheet HTML 5Page - Vishay Siliconix SFH6755T Datasheet HTML 6Page - Vishay Siliconix SFH6755T Datasheet HTML 7Page - Vishay Siliconix SFH6755T Datasheet HTML 8Page - Vishay Siliconix SFH6755T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH6755T/56T/57T
Document Number 81331
Rev. 1.0, 26-Jun-06
Vishay Semiconductors
www.vishay.com
5
Safety and Insulation Ratings
As per IEC60747-5-2, §7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Climatic Classification
(according to IEC 68 part 1)
55/110/21
Comparative Tracking Index
CTI
175
399
VIOTM
5000
V
VIORM
560
V
PSO
350
mW
ISI
150
mA
TSI
165
°C
Creepage
5mm
Clearance
4mm
Insulation thickness, reinforced rated
per IEC60950 2.10.5.1
0.2
mm
Figure 3. Forward Voltage vs. Ambient Temperature
Figure 4. Forward Voltage vs. Forward Current
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
17610
IF = 50 mA
IF = 10 mA
IF = 20 mA
IF = 1 mA
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
05
10 15 20 25 30 35 40 45 50
IF - Forward Current (mA)
17611
Figure 5. Reverse Current vs. Ambient Temperature
Figure 6. Low Level Supply Current vs. Ambient Temperature
0
1
2
3
4
5
6
7
- 40
- 20
0
204060
80
100
Tamb - Ambient Temperature (°C)
17613-1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
- 40 - 20
0
204060
80
100
Tamb - Ambient Temperature (°C)
17614
VCC = 5 V
IF = 10 mA
VCC = 7 V
IF = 10 mA


Similar Part No. - SFH6755T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
SFH6755T VISHAY-SFH6755T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
More results

Similar Description - SFH6755T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com