Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L25616BS-55LLI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UT62L25616BS-55LLI
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT62L25616BS-55LLI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UT62L25616BS-55LLI Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L25616BS-55LLI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UTRON
UT62L25616(I)
Rev. 1.1
256K X 16 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80054
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
10
ORDERING INFORMATION
INDUSTRIAL TEMPERATURE
PART NO.
ACCESS TIME
(ns)
STANDBY CURRENT
(µA) TYP.
PACKAGE
UT62L25616MC-55LI
55
20
44 PIN TSOP-Ⅱ
UT62L25616MC-55LLI
55
3
44 PIN TSOP-Ⅱ
UT62L25616MC-70LI
70
20
44 PIN TSOP-Ⅱ
UT62L25616MC-70LLI
70
3
44 PIN TSOP-Ⅱ
UT62L25616BS-55LI
55
20
48 PIN TFBGA
UT62L25616BS-55LLI
55
3
48 PIN TFBGA
UT62L25616BS-70LI
70
20
48 PIN TFBGA
UT62L25616BS-70LLI
70
3
48 PIN TFBGA


Similar Part No. - UT62L25616BS-55LLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35L ETC-UT62L1024LC-35L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35LL ETC-UT62L1024LC-35LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55L ETC-UT62L1024LC-55L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55LL ETC-UT62L1024LC-55LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L25616BS-55LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com