Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS75AF-24 Datasheet(PDF) 6 Page - DENSEI-LAMBDA

Part # ZWS75AF-24
Description  Single output 50W ~ 150W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS75AF-24 Datasheet(HTML) 6 Page - DENSEI-LAMBDA

Back Button ZWS75AF-24 Datasheet HTML 2Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 3Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 4Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 5Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 6Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 7Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 8Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 9Page - DENSEI-LAMBDA ZWS75AF-24 Datasheet HTML 10Page - DENSEI-LAMBDA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
64
ZWS-PF-SERIES
ZWS100PF (/J Type: JST connecter)
ZWS100PF (/JA Type : With-cover Type JST connecter)
ZWS120PPF (STD Model:JST connector)
ZWS120PPF (/A Type : With-cover Type JST connecter)
(Unit: mm)
(Unit: mm)
(Unit: mm)
(Unit: mm)
LEAD CUT LESS THAN
3MAX
LEAD CUT LESS THAN
3MAX
(MOUNTING HOLES)
V:ADJ
COMPONENT SIDE
COMPONENT SIDE
INPUT
OUTPUT
INPUT
OUTPUT
NAME PLATE
NAME PLATE
MB1206
GO!!
P137
Recommended Noise Filter
Recommended Wire harness
P209
GO!!


Similar Part No. - ZWS75AF-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS75AF-24 LAMBDA-ZWS75AF-24 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results

Similar Description - ZWS75AF-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
   Single output 10W~150W?
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
logo
TDK Electronics
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com