Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF4D-DC5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # SF4D-DC5V
Description  POLARISED, MONOSTABLE SAFETY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF4D-DC5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  SF4D-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF4D-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF4D-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF4D-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF4D-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4
SF-RELAYS
Double contact
POLARISED, MONOSTABLE
SAFETY RELAY
mm inch
25.0
.984
2 Form A 2 Form B
4 Form A 4 Form B
16.5
±0.5
.650
±.020
53.3
±0.3
2.098
±.012
33
±0.5
1.299
±.020
16.5
±0.5
.650
±.020
53.3
±0.3
2.098
±.012
FEATURES
• High contact reliability
High contact reliability is achieved through
the use of a double contact.
• Forced operation contacts
(2 Form A 2 Form B)
N.O. and N.C. side contacts are
connected through a card so that one
interacts with the other in movement. In
case of a contact welding, the other keeps
a min. 0.5mm .020inch contact gap.
• Independent operation contacts
(4 Form A 4 Form B)
There are 4 points of forced operation
contacts.
Each pair of contacts is free from the main
armature and is independent from each
other. So if a N.O. pair of contacts are
welded, the other 3 N.O. contacts are not
effected (operate properly) That enables
to plan a circuit to detect welding or go
back to the beginning condition.
• Separated chamber structure (2 Form
A 2 Form B, 4 Form A 4 Form B)
N.O. and N.C. side contacts are put in
each own space surrounded with a card
and a body-separater.That prevents short
circuit between contacts, which is caused
by their springs welding or damaged.
• High breakdown voltage 2,500 Vrms
between contacts and coil
• High sensitivity
Realizes thin shape and high sensitivity
(500 mW nominal operating power) by
utilizing high-efficiency polarized
magnetic circuit with 4-gap balanced
armature.
• Complies with safety standards
Standard products are UL, CSA, TÜV and
SEV certified. Comform to European
standards. TÜV certified (945/EL, 178/
88). Complies with SUVA European
standard.
SPECIFICATIONS
Contact
Coil
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 6. Usage, transport and storage mentioned in NOTES
Characteristics
Contact arrangement
2 Form A
2 Form B
4 Form A
4 Form B
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
30 m
Contact material
Gold-flashed silver alloy
Rating
(resistive)
Nominal switching
capacity
6 A 250 V AC, 6 A 30 V DC
Max. switching power
1,500 VA, 180 W
Max. switching voltage
440 V AC, 30 V DC
Max. carrying current
6 A
Expected
life (min.
operations)
Mechanical (at 180 cpm)
107
Electrical (at 20 cpm)
105
Nominal operating power
500 mW
Contact arrangement
2 Form A
2 Form B
4 Form A
4 Form B
Max. operating speed
180 cpm (at nominal voltage)
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
1,300 Vrms
Between contact sets
2,500 Vrms
Between contact and coil
2,500 Vrms
Operate time*3 (at nominal voltage)
Approx. 17 ms Approx. 18 ms
Release time (without diode)*3
(at nominal voltage)
Approx. 7 ms
Approx. 6 ms
Temperature rise (at nominal voltage)
(at 20°C)
Max. 45°C
with nominal coil voltage and
at 6 A carry current
Shock resistance
Functional*4
Min. 294 m/s2 {30 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
10 to 55 Hz at double
amplitude of 2 mm
Destructive
10 to 55 Hz at double
amplitude of 2 mm
Conditions for operation,
transport and storage*7 (Not
freezing and condensing at
low temperature)
Ambient
temp.
–40°C to +70°C
–40°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
Approx.
38 g 1.34 oz
Approx.
47 g 1.66 oz
(pending)


Similar Part No. - SF4D-DC5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SF4 NAIS-SF4 Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
Rectron Semiconductor
SF4 RECTRON-SF4 Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF4 RECTRON-SF4 Datasheet
372Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Nais(Matsushita Electri...
SF4-DC12V NAIS-SF4-DC12V Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
SF4-DC18V NAIS-SF4-DC18V Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
More results

Similar Description - SF4D-DC5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SF2 NAIS-SF2 Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com