Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS75PF-5 Datasheet(PDF) 8 Page - DENSEI-LAMBDA

Part # ZWS75PF-5
Description  Single output 50W ~ 150W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS75PF-5 Datasheet(HTML) 8 Page - DENSEI-LAMBDA

Back Button ZWS75PF-5 Datasheet HTML 4Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 5Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 6Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 7Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 8Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 9Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 10Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 11Page - DENSEI-LAMBDA ZWS75PF-5 Datasheet HTML 12Page - DENSEI-LAMBDA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ZWS-SERIES
Single output 5W ~ 300W
ZWS5-3
ZWS5-5
ZWS5-12
ZWS5-15
ZWS5-24
ZWS10-3
ZWS10-5
ZWS10-12
ZWS10-15
ZWS10-24
ZWS15-3
ZWS15-5
ZWS15-12
ZWS15-15
ZWS15-24
ZWS5
ZWS10
ZWS15
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
1.0A
1.0A
0.42A
0.34A
0.22A
2.0A
2.0A
0.85A
0.7A
0.45A
3.0A
3.0A
1.25A
1.0A
0.65A
1.2A
1.2A
0.51A
0.41A
0.27A
2.4A
2.4A
1.02A
0.84A
0.54A
3.6A
3.6A
1.5A
1.2A
0.78A
3.3W
5W
5.04W
5.1W
5.28W
6.6W
10W
10.2W
10.5W
10.8W
9.9W
15W
15W
15W
15.6W
Model name
UL CSA EN
Nominal
output voltage
Max.
output current
Max. peak
output current
Note 1
Note 1
Max. output
power
Model name
ZWS 10-5/
Features
marking (Low Voltage Directive)
Wide input voltage range for 100V/200V, single output
Low cost
PCB type
Applicable to various use;from office printer
to air conditioning controller
Applicable to peak current load
Series Name
Output Wattage
Output Voltage
(Low Voltage Directive)
2 year warranty
Product lineup
: Safety standard approved
Note 1: Duration at peak current: 10 seconds max., Duty: Below 35%.
Standard model: Molex connector
“/J” model is available with J.S.T connector.
Note : Duration under peak application is limited less than 30 seconds.
(Average output current under those condition should not exceed maximum output power.)
ZWS30-3
ZWS30-5
ZWS30-12
ZWS30-15
ZWS30-24
ZWS30-36
ZWS30-48
ZWS50-3
ZWS50-5
ZWS50-12
ZWS50-15
ZWS50-24
ZWS50-36
ZWS50-48
ZWS30
ZWS50
3.3V
5V
12V
15V
24V
36V
48V
3.3V
5V
12V
15V
24V
36V
48V
6.0A
6.0A
2.5A
2.0A
1.3A
0.9A
0.7A
10A
10A
4.3A
3.5A
2.1A
1.4A
1.1A
7.2A
7.2A
3.0A
2.4A
1.56A
1.08A
0.84A
12A
12A
5.16A
4.2A
2.52A
1.68A
1.32A
19.8W
30W
30W
30W
31.2W
32.4W
33.6W
33W
50W
51.6W
52.5W
50.4W
50.4W
52.8W
Model name
UL CSA EN
Nominal
output voltage
Max.
output current
Max. peak
output current
Max. output
power
Request customer specification for further details of specifications, outline,
characteristics, etc. Read the instruction manual before usage.
Contact us about delivery before ordering.
Model name
ZWS300-3
ZWS300-5
ZWS300-12
ZWS300-15
ZWS300-24
ZWS300-48
Nominal output voltage
3.3V
5V
12V
15V
24V
48V
Maximum output current
40A
40A
17A
14A
9A
4.2A
Maximum output power
132W
200W
204W
210W
216W
201.6W
Max. peak output power
198W
300W
324W
330W
336W
302.4W
Nominal output voltage
3.3V
5V
12V
15V
24V
48V
Maximum output current
60A
60A
27A
22A
14A
6.3A
Maximum output power
198W
300W
324W
330W
336W
302.4W
UL
CSA
EN
Convection cooling
Forced air cooling
Safety standard
ZWS300 Series
ZWS300
ZWS30
ZWS5
ZWS10
ZWS15
ZWS50
66
Option
blank: Molex connector, PCB type
A: Molex connector, with-cover type
J: JST connector, PCB type
JA: JST connector, with-cover type
ZWS 300-5/
Series Name
Output Wattage
Output Voltage
Option
R: With Remote ON/OFF control
T: Vertical terminal type
B: Input/Output connector terminal type
(Only for 12V-48V output type)
1. Input voltage range
2. Output Voltage range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. CE marking
8. EMI
9. Immunity
10. Functions
ZWS5~50
85~265VAC (47~440Hz) , 110~330VDC universal input
ZWS300
85~132/170~265VAC (47~440Hz) auto-selectable
10%
Convection cooling
ZWS5~50
-10°C~+50°C:100%,+60°C:70%
ZWS300
Convection cooling -10°C~+40°C:100%,+50°C:80%,+60°C:60%
Forced air cooling -10°C~+50°C:100%,+60°C:75%,+70°C:50%
Input-output : 3kVAC (20mA) , Input-chassis : 2kVAC (20mA) , Output-chassis : 500VAC (100mA) for 1 min
Approved by UL1950
, CSA950(C-UL)
, EN60950(TUV)
Conforms to low voltage directive
Meets to EN55011-B,EN55022-B,FCC-B,VCCI-B
Meets to EN50082-2(EN61000-4-2,-3,-4,-5,-6)
Over voltage protection,Over current protection
Specifications


Similar Part No. - ZWS75PF-5

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS75AF-12 LAMBDA-ZWS75AF-12 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS75AF-15 LAMBDA-ZWS75AF-15 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS75AF-24 LAMBDA-ZWS75AF-24 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS75AF-5 LAMBDA-ZWS75AF-5 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
ZWS75B-12 TDK-ZWS75B-12 Datasheet
214Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - ZWS75PF-5

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
   Single output 10W~150W?
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
logo
TDK Electronics
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com