Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL323 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL323
Description  Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL323 Datasheet(HTML) 3 Page - Analog Devices

  ADXL323 Datasheet HTML 1Page - Analog Devices ADXL323 Datasheet HTML 2Page - Analog Devices ADXL323 Datasheet HTML 3Page - Analog Devices ADXL323 Datasheet HTML 4Page - Analog Devices ADXL323 Datasheet HTML 5Page - Analog Devices ADXL323 Datasheet HTML 6Page - Analog Devices ADXL323 Datasheet HTML 7Page - Analog Devices ADXL323 Datasheet HTML 8Page - Analog Devices ADXL323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL323
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = 3 V, CX = CY = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are
guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
±3
±3.6
g
Nonlinearity
% of full scale
±0.3
%
Package Alignment Error
±1
Degrees
Inter-Axis Alignment Error
±0.1
Degrees
Cross Axis Sensitivity1
±1
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT
VS = 3 V
270
300
330
mV/g
Sensitivity Change Due to Temperature3
VS = 3 V
±0.015
%/°C
ZERO g BIAS LEVEL (RATIOMETRIC)
Each axis
0 g Voltage at XOUT, YOUT
VS = 3 V
1.35
1.5
1.65
V
0 g Offset vs. Temperature
±0.6
mg/°C
NOISE PERFORMANCE
Noise Density XOUT, YOUT
280
μg/√Hz rms
FREQUENCY RESPONSE4
Bandwidth XOUT, YOUT
T
5
No external filter
1600
Hz
RFILT Tolerance
32 ± 15%
Sensor Resonant Frequency
5.5
kHz
SELF TEST
T
6
Logic Input Low
+0.6
V
Logic Input High
+2.4
V
ST Actuation Current
+60
μA
Output Change at XOUT
Self Test 0 to Self Test 1
−150
mV
Output Change at YOUT
Self Test 0 to Self Test 1
+150
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.1
V
Output Swing High
No load
2.8
V
POWER SUPPLY
Operating Voltage Range
1.8
5.25
V
Supply Current
VS = 3 V
320
μA
Turn-On Time7
No external filter
1
ms
TEMPERATURE
Operating Temperature Range
−25
+70
°C
1 Defined as coupling between two axes.
2 Sensitivity is essentially ratiometric to VS.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external filter capacitors (CX, CY).
5 Bandwidth with external capacitors = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.003 μF, bandwidth = 1.6 kHz. For CX, CY = 10 μF, bandwidth = 0.5 Hz.
6 Self-test response changes cubically with VS.
7 Turn-on time is dependent on CX, CY and is approximately 160 × CX or CY + 1 ms, where CX, CY are in μF.


Similar Part No. - ADXL323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results

Similar Description - ADXL323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
   Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com