Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-10KDS-T12-061 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MF-10KDS-T12-061
Description  SONET/SDH TRANSMITTER & RECIEVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KDS-T12-061 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MF-10KDS-T12-061 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KDS-T12-061 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-10KDS-T12-06x/07x
MF-10KDS-R13-06x/07x
SONET/SDH TRANSMITTER & RECIEVER
TRANSMITTER PIN ALLOCATION
No.
Symbol
Description
No.
Symbol
Description
1
-2.2V
Supply voltage for cooler
2
-2.2V
Supply voltage for cooler
3
GND
Ground
4
NUC
No user connection
5
LDMON
Laser Bias Monitor
6
PDMON
Laser Backface Monitor
7
DEG
Laser Degradation Alarm
8
ORA
Power Out of Range Alarm
9
LOT
Laser Over Temperature Alarm
10
SDC
Shut Down Command
11
GND
Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
+5V
Supply voltage
16
+5V
Supply voltage
17
+5V
Supply voltage
18
+5V
Supply voltage
19
GND
Ground
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
-5.2V
Supply voltage
24
-5.2V
Supply voltage
25
-5.2V
Supply voltage
26
-5.2V
Supply voltage
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
GND
Ground
RECEIVER PIN ALLOCATION
No.
Symbol
Description
No.
Symbol
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
LOS
Loss of signal alarm
5
NUC
No user connection
6
NUC
No user connection
7
NUC
No user connection
8
NUC
No user connection
9
NUC
No user connection
10
NUC
No user connection
11
GND
Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
+5V
Supply voltage
16
+5V
Supply voltage
17
+5V
Supply voltage
18
+5V
Supply voltage
19
GND
Ground
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
-5.2V
Supply voltage
24
-5.2V
Supply voltage
25
-5.2V
Supply voltage
26
-5.2V
Supply voltage
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
GND
Ground


Similar Part No. - MF-10KDS-T12-061

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA MITSUBISHI-MF-10KSXA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results

Similar Description - MF-10KDS-T12-061

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com