Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-156DF-T12-200 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF-156DF-T12-200
Description  SONET/SDH TRANSMITTER & RECIEVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-156DF-T12-200 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  MF-156DF-T12-200 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-156DF-T12-200 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-156DF-T12-20x/29x/23x
MF-156DS-R13-17x
SONET/SDH TRANSMITTER & RECIEVER
NOTE
NOTE1: PECL Input Interface
NOTE2:
Transmitter disable Interface
Transmitter
13Kohm
47Kohm
PECL
Data
Data
OFF
comparator
Transmitter
Disable Input
Optical Output
Transmitter
Td
Vcc
0V
The transmitter is normally enabled and only requires an external voltage to disable.
HCMOS
ON


Similar Part No. - MF-156DF-T12-200

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K0.5 WILLOW-MF-100T100100K0.5 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K1 WILLOW-MF-100T100100K1 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K5 WILLOW-MF-100T100100K5 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
logo
Mitsubishi Electric Sem...
MF-10KDS-R13-060 MITSUBISHI-MF-10KDS-R13-060 Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
More results

Similar Description - MF-156DF-T12-200

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com