Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD71056AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD71056AR
Description  Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71056AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD71056AR Datasheet HTML 7Page - Analog Devices AD71056AR Datasheet HTML 8Page - Analog Devices AD71056AR Datasheet HTML 9Page - Analog Devices AD71056AR Datasheet HTML 10Page - Analog Devices AD71056AR Datasheet HTML 11Page - Analog Devices AD71056AR Datasheet HTML 12Page - Analog Devices AD71056AR Datasheet HTML 13Page - Analog Devices AD71056AR Datasheet HTML 14Page - Analog Devices AD71056AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD71056
Rev. A | Page 11 of 20
(
+
ω
×
×
+
=
o
h
h
β
t
h
h
I
0
I
t
i
sin
2
)
(
)
(3)
where:
i(t) is the instantaneous current.
I0 is the dc component.
Ih is the rms value of Current Harmonic h.
βh is the phase angle of the current harmonic.
Using Equation 2 and Equation 3, the real power, P, can be
expressed in terms of its fundamental real power (P1) and
harmonic real power (PH) as
P = P1 + PH
where:
P1 = V1 × I1 cos ϕ1
(4)
ϕ1 = α1 − β1
and PH
=
≠1
h
h
H
V
P
×
Ih cos ϕh
(5)
ϕh = αh − βh
In Equation 5, a harmonic real power component is generated
for every harmonic, provided that harmonic is present in both
the voltage and current waveforms. The power factor calculation
has previously been shown to be accurate in the case of a pure
sinusoid. Therefore, the harmonic real power must also correctly
account for the power factor because it is made up of a series of
pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz at
the nominal internal oscillator frequency of 450 kHz.


Similar Part No. - AD71056AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
More results

Similar Description - AD71056AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7769 AD-ADE7769 Datasheet
389Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
   Energy Metering IC with Integrated Oscillator
REV. A
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
Rev. PrB
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
   Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com