Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTXV2L9AS Datasheet(PDF) 1 Page - MTRONPTI

Part # MTXV2L9AS
Description  14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MTXV2L9AS Datasheet(HTML) 1 Page - MTRONPTI

  MTXV2L9AS Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
68
MTXV Series
14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO
Pin Connections
* Referenced to 25
°C reading at 2.5 VDC control voltage.
1. Symmetry is measured at 1.4 V with TTL load, and at 50% Vdd with HCMOS load.
2. Rise/fall times are measured between 0.5 V and 2.4 V with TTL load, and between 10% Vdd and 90% Vdd with HCMOS load.
* See page 146 for surf board configuration.


Similar Part No. - MTXV2L9AS

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MTX-250 SLPOWER-MTX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MTX-253-0512 SLPOWER-MTX-253-0512 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MTX-253-0512 SLPOWER-MTX-253-0512 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MTX-254-1205 SLPOWER-MTX-254-1205 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MTX-254-1205 SLPOWER-MTX-254-1205 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
More results

Similar Description - MTXV2L9AS

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MTXO MTRONPTI-MTXO Datasheet
242Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
   14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
K1601TE MTRONPTI-K1601TE Datasheet
265Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1601TE MTRONPTI-K1601TE_07 Datasheet
288Kb / 2P
   14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1602TE MTRONPTI-K1602TE_07 Datasheet
265Kb / 2P
   14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1602TE MTRONPTI-K1602TE Datasheet
246Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com