Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6883 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6883
Description  Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6883 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6883 Datasheet HTML 5Page - Maxim Integrated Products MAX6883 Datasheet HTML 6Page - Maxim Integrated Products MAX6883 Datasheet HTML 7Page - Maxim Integrated Products MAX6883 Datasheet HTML 8Page - Maxim Integrated Products MAX6883 Datasheet HTML 9Page - Maxim Integrated Products MAX6883 Datasheet HTML 10Page - Maxim Integrated Products MAX6883 Datasheet HTML 11Page - Maxim Integrated Products MAX6883 Datasheet HTML 12Page - Maxim Integrated Products MAX6883 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Dual-/Triple-Voltage, Power-Supply
Sequencers/Supervisors
_______________________________________________________________________________________
9
Pin Description
PIN
MAX6880
MAX6881
MAX6882
MAX6883
NAME
FUNCTION
1, 11,
12, 15
——
1, 8, 9, 10
N.C.
No Connection. Not internally connected.
2—
1
ABP
Internal Supply Bypass Input. Bypass ABP with a 1µF capacitor to
GND. ABP maintains the device supply voltage during rapid power-
down conditions.
32
——
SET3
432
2
SET2
543
3
SET1
Externally Adjusted IN_ Undervoltage Lockout Threshold. Connect
SET_ to an external resistor-divider network to set the desired
undervoltage threshold for each IN_ supply (see the Typical
Application Circuit). All SET_ inputs must be above the internal
SET_ threshold (0.5V) to enable sequencing functionality.
654
4
EN/
UV
Logic-Enable Input or Undervoltage Lockout Monitor Input. EN/
UV
must be high (EN/
UV > VEN_R) to enable voltage sequencing
power-up operation. OUT_ begins tracking down when EN/
UV <
VEN_F. Connect EN/UV to an external resistor-divider network to set
the external UVLO threshold.
765
5
GND
Ground
876
6
DELAY
Sequence Delay Select Input. Connect a capacitor from DELAY
to GND to select the desired delay period before sequencing is
enabled (after all SET_ inputs and EN/
UV are above their respective
thresholds) or between supply sequences. Leave DELAY
unconnected for the default 200µs delay period.
987
7
SLEW
Slew-Rate Adjustment Input. Connect a capacitor from SLEW
to GND to select the desired OUT_ slew rate.
10
8
TIMEOUT
PG/
RST Timeout Period Adjust Input. PG/RST asserts high after the
timeout period when all OUT_ exceed their IN_ referenced
threshold. Connect a capacitor from TIMEOUT to GND to set the
desired timeout period. Leave TIMEOUT unconnected for the
default 200µs delay period.
13
9
MARGIN
Margin Input, Active-Low. Drive
MARGIN low to enable margin
mode (see the Margin section). The
MARGIN functionality is
disabled (returns to normal monitoring mode) after
MARGIN returns
high.
MARGIN is internally pulled up to ABP through a 10µA
current source.


Similar Part No. - MAX6883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX688 MAXIM-MAX688 Datasheet
103Kb / 12P
   High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6884ETP MAXIM-MAX6884ETP Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6884EVCMOD2 MAXIM-MAX6884EVCMOD2 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6884EVKIT# MAXIM-MAX6884EVKIT# Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
More results

Similar Description - MAX6883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
logo
Texas Instruments
TL7770-5 TI-TL7770-5_06 Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770 TI-TL7770 Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5 TI1-TL7770-5_14 Datasheet
758Kb / 18P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
logo
Maxim Integrated Produc...
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com