Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H36 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # H36
Description  500 mW Zener Diode 1.7 to 37.2 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

H36 Datasheet(HTML) 1 Page - Micro Commercial Components

  H36 Datasheet HTML 1Page - Micro Commercial Components H36 Datasheet HTML 2Page - Micro Commercial Components H36 Datasheet HTML 3Page - Micro Commercial Components H36 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H2 Series
THRU
H36 Series
500 mW
Zener Diode
1.7 to 37.2 Volts
Features
Low Leakage
Low Zener Impedance
High Reliability
Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
500
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature Range
-55 to +150
OC
Zener Voltage V
Z (V)
5
10
15
20
25
30
35
40
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
Fig.1 Zener current Vs. Zener voltage





 

 






























 
DIMENSIONS
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - H36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H361 ETC2-H361 Datasheet
492Kb / 2P
   Safety Switch
logo
Schneider Electric
H361 SCHNEIDER-H361 Datasheet
141Kb / 3P
   Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 1
logo
List of Unclassifed Man...
H361-2X ETC2-H361-2X Datasheet
492Kb / 2P
   Safety Switch
logo
Schneider Electric
H3612 SCHNEIDER-H3612 Datasheet
102Kb / 2P
   Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 1
H3612A SCHNEIDER-H3612A Datasheet
106Kb / 2P
   Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K
More results

Similar Description - H36

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B1 MCC-H11-B1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B2 MCC-H11-B2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H12-A2 MCC-H12-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H12-A3 MCC-H12-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-A1 MCC-H11-A1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B3 MCC-H11-B3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com