Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BKAD2A234MAA40101SA Datasheet(PDF) 3 Page - ITT Industries

Part # BKAD2A234MAA40101SA
Description  ARINC 600
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BKAD2A234MAA40101SA Datasheet(HTML) 3 Page - ITT Industries

  BKAD2A234MAA40101SA Datasheet HTML 1Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 2Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 3Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 4Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 5Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 6Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 7Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 8Page - ITT Industries BKAD2A234MAA40101SA Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ittcannon.com
4
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
A R INC 600
B K A D/E /F
How to Order (Continued)
CONNECTOR LAYOUT DESCRIPTION
NOTE. ANY OTHER COMBINATION OF INSERTS WITHIN A SPECIFIC SHELL IS AVAILABLE UPON REQUEST
POLARIZING POSITION
MODIFIER (Contact, Finish, Material)
01 thru 99 (per ARINC 600)
Blank-Polarizing posts or keys not installed but
supplied with connector
Blank -
SC -
WC -
WD -
SD -
WA -
WB -
Rear release, crimp, signal and power
contacts supplied with connector
(when applicable)
Contacts not supplied with connector
(FO not stamped on connector)
Less contacts and waveguide (FOO not
stamped on connector)
Front release .025(0.63) D. x .150
(3.81) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .250
(6.35) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .375
(9.53) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .500
(12.7) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) Sq. x .250
(6.35) (1 wrap) wrap post and crimp,
rear release power contacts (when ap-
plicable) supplied with connector
Front release .025(0.63 Sq. x .375
(9.53) (2 wraps) wrap post and crimp,
rear relase power contacts (when ap-
plicable) supplied with connector
Front release .025(0.63) Sq. x 500
(12.7) (3 wraps) wrap post and crimp,
rear release power contacts (when ap-
plicable) supplied with connector
Front release .025 (0.64) Sq. x 641
(16.28) (3 wraps) wrap post and
crimp, rear release power contacts
(when applicable) supplied with con-
nector
NOTE: COAXIAL CONTACTS TO BE ORDERED SEPARATELY
FO -
FOO -
SA -
SB -
Layout included in the following
ARINC configurations 702, 710, 711, 712, 714, 715, 716, 723.
Layout included in the following
ARINC configurations 707, 718 & 730.
Layout included in the following
ARINC configurations 701, 702, 703, 704, 705, 706, 724, 725.
Layout included in the following
ARINC configurations 701, 717, 726, 729.
Connector
Layout
Shell
Size
Shell
Size
Shell Cavity Identification
Shell Cavity Identification
Ref. ARINC
Characteristic
Ref. ARINC
Characteristic
Connector
Layout
Note: All layouts with "OPEN' insert cavity are not supplied with an insulator. If a Blank insert is required please consult factory.
Three Digit Number Contained within the Shell Layout Indicates Total Number of Contacts Available (including Waveguide)
A
B
C
D
E
F
A
B
C
D
E
F
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
-005
-060
A060
-065
A065
-120
-125
-013
-017
-071
A071
-085
A085
86M
-093
-100
-137
-T141
-142
-155
155M
V155M
158M
-A158M
-163
A163
-164
A164
165M
-A165M
-167
173M
OPEN
OPEN
60
OPEN
60
60
60
OPEN
2W2
OPEN
71W1
Waveguide
71W1
2W2
4W4
OPEN
121
120T2
71W1
71W1
71W1A
71W1B
2W2
2W2
OPEN
150
150
Waveguide
150
2W2
4W4
2W2
OPEN
60
OPEN
60
Open
60
60
OPEN
2W2
71W1
OPEN
71W1
Waveguide
71W1A
4W4
OPEN
10T10
10T10
71W1
71W1
71W1A
71W1A
71W1A
71W1B
150
OPEN
Waveguide
150
2W2
150
150
71W1B
5W2
OPEN
OPEN
5W2
5W2
OPEN
5W2
13W2
13W2
OPEN
OPEN
13W2
13W2
13W2
85
100
6T6
13W2
OPEN
13W2
13W2
13W2
85
85
13W2
13W2
13W2
13W2
13W2
13W2
13W2
100
-T173
234
A234
-246
-248
250
250A
-251
-300
-306
-313
-370
-400
-021
-026
-113
-A113
-114
-284
-310
-330M
-A330M
-496
-600
-626
-713
A713
-734
-764
-800
-269M
271C
271M
-326
2
2
2
2
2
2
2
2
2
2
2
2
2
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
150
150
71W1
120T2
121
OPEN
150
Waveguide
150
150
150
150
150
4W4
OPEN
OPEN
OPEN
4W4
71W1
71W1
2W1
150
121
150
150
150
150
150
150
150
2W2
4W4
2W2
OPEN
10T10
71W1
150
120T2
121
150
BLANK
150
150
150
150
120T2
150
4W4
OPEN
OPEN
OPEN
4W4
71W1
71W1
2W2
150
121
150
150
150
150
150
150
150
2W2
4W4
2W2
150
13W2
13W2
13W2
6T6
6T6
100
100
100
OPEN
6T6
13W2
100
100
13W2
13W2
100
13W2
4W4
OPEN
13W2
13W2
13W2
121
OPEN
13W2
100
13W2
100
64
100
13W2
13W2
13W2
13W2
BLANK
OPEN
OPEN
OPEN
4W4
71W1
71W1
150
2W2
121
150
150
150
150
150
150
150
2W2
BLANK
4W4
OPEN
OPEN
OPEN
OPEN
OPEN
13W2
71W1
71W1
150
2W2
6T6
150
150
150
150
150
150
150
150
150
150
150
OPEN
13W2
13W2
100
85
OPEN
13W2
13W2
13W2
6T6
OPEN
13W2
13W2
100
3W
100
100
100
100
100
13W2
732
708
709
727


Similar Part No. - BKAD2A234MAA40101SA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BKAD2A234MAA40101FO ITT-BKAD2A234MAA40101FO Datasheet
8Mb / 386P
   Military/Aerospace
More results

Similar Description - BKAD2A234MAA40101SA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
031-1287-000 ITT-031-1287-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
SGA ITT-SGA Datasheet
124Kb / 4P
   ARINC 600 Rack and Panel Connectors
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Glenair, Inc.
240-050-3P01X GLENAIR-240-050-3P01X Datasheet
647Kb / 2P
   ARINC 600 Class A Size 3 Filter Receptacle
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
P522 ETC2-P522 Datasheet
116Kb / 1P
   SIZE 5 ARINC 600 RF CONNECTOR FOR ECS CABLE 432101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com