Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM21J12G205Q Datasheet(PDF) 3 Page - ITT Industries

Part # DM21J12G205Q
Description  Miniature 2 Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM21J12G205Q Datasheet(HTML) 3 Page - ITT Industries

  DM21J12G205Q Datasheet HTML 1Page - ITT Industries DM21J12G205Q Datasheet HTML 2Page - ITT Industries DM21J12G205Q Datasheet HTML 3Page - ITT Industries DM21J12G205Q Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H–73
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DM Series
Miniature 2 Pole Power Rocker Switches
HOUSING STYLE/COLOR
TERMINATIONS
ACTUATOR MARKINGS
CONTACT MATERIAL
ON
OFF
O
O
I
2B
2
2A
PANEL MOUNTING
'B2' housing style
'S2' & 'G2' housing styles
1 MOVABLE CONTACT: DM2X Models: Copper, silver plated.
DM6X Models: Coin silver, silver plated.
2 STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated.
‘D & P’ marking options: marking color white, standard for all actuator colors except white actuators. Black marking color standard for
white actuators. Consult Customer Service Center for other available marking colors.
NOTE: Orientation of actuator
markings and terminals.
NOTE: Blank insert available for SP models only, see page H–76.
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options. DM6X models also
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
05
QUICK CONNECT
NONE NO MARKING
D ON-OFF
H O I
P O –
G2
ACTUATOR GUARD, BLACK
NEW!
OPTION
CODE
CONTACT AND
TERMINAL MATERIAL
RATINGS
Q
SILVER 1,2
POWER
DM2X Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA).
DM6X Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA).
6 AMPS @ 125 V AC; 3 AMPS @ 250 V AC, T85 (VDE).
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
PANEL
THICKNESS
.030–.049
(0,76) (1,24)
.049–.079
(1,24) (2,01)
.079–.118
(2,01) (3,00)
.756
(19,20)
.764
(19,41)
.780
(19,81)
0.764
(19,41)
0.780
(19,81)
n/a
1.068
(27,13)
1.076
(27,33)
1.092
(27,74)
DIM ‘A’
‘S2’ & ‘G2’
HOUSING STYLES
DIM ‘A’
‘G2’ OPTION
SP MODELS ONLY
DIM ‘A’
‘B2’
HOUSING STYLES
YES
YES


Similar Part No. - DM21J12G205Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM21J12G205DO CK-COMPONENTS-DM21J12G205DO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12G205HO CK-COMPONENTS-DM21J12G205HO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12G205O CK-COMPONENTS-DM21J12G205O Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12G205PO CK-COMPONENTS-DM21J12G205PO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
More results

Similar Description - DM21J12G205Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
DM61J12S205Q CK-COMPONENTS-DM61J12S205Q Datasheet
253Kb / 4P
   DM Series Miniature 2 Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com