Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3V28V1CJ Datasheet(PDF) 1 Page - MTRONPTI

Part # M3V28V1CJ
Description  9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M3V28V1CJ Datasheet(HTML) 1 Page - MTRONPTI

  M3V28V1CJ Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M3V Series
9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
Revison: 7-12-06
Pin Connections
HCMOS/TTL output to 160 MHz and excellent jitter (2.1 ps typ.)
in a SMT package
Phase-Locked Loops (PLL’s), Clock Recovery, Reference Signal
Tracking, Synthesizers, Frequency Modulation/Demodulation


Similar Part No. - M3V28V1CJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3V28V1CJ MTRONPTI-M3V28V1CJ Datasheet
295Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M3V28V1CJ MTRONPTI-M3V28V1CJ Datasheet
418Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M3V28V1CJ-R MTRONPTI-M3V28V1CJ-R Datasheet
295Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M3V28V1CJ-R MTRONPTI-M3V28V1CJ-R Datasheet
418Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
More results

Similar Description - M3V28V1CJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3V MTRONPTI-M3V_07 Datasheet
418Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
M3V_0611 MTRONPTI-M3V_0611 Datasheet
295Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS_07 Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
M3R MTRONPTI-M3R Datasheet
256Kb / 1P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R_08 Datasheet
456Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R_0612 MTRONPTI-M3R_0612 Datasheet
342Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M6007 MTRONPTI-M6007_07 Datasheet
410Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6005_0611 MTRONPTI-M6005_0611 Datasheet
280Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6005 MTRONPTI-M6005_07 Datasheet
394Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com