Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ34 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFQ34
Description  NPN 4 GHz wideband transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ34 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFQ34 Datasheet HTML 2Page - NXP Semiconductors BFQ34 Datasheet HTML 3Page - NXP Semiconductors BFQ34 Datasheet HTML 4Page - NXP Semiconductors BFQ34 Datasheet HTML 5Page - NXP Semiconductors BFQ34 Datasheet HTML 6Page - NXP Semiconductors BFQ34 Datasheet HTML 7Page - NXP Semiconductors BFQ34 Datasheet HTML 8Page - NXP Semiconductors BFQ34 Datasheet HTML 9Page - NXP Semiconductors BFQ34 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
September 1995
6
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ34
Fig.6 Gain as a function of frequency.
Ic = 120 mA; VCE = 15 V; Tamb =25 °C.
handbook, halfpage
MEA319
40
0
20
30
10 –1
110
10
f (GHz)
gain
(dB)
G UM
Is
I
12
2
Fig.7
Intermodulation distortion as a function of
collector current.
Vo = 1.2 V; VCE = 15 V; f(p+q−r) = 793.25 MHz
handbook, halfpage
50
150
20
70
60
MEA321
50
40
30
100
d im
(dB)
I
(mA)
C


Similar Part No. - BFQ34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
More results

Similar Description - BFQ34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
NXP Semiconductors
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
   NPN 4 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com