Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ540 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ540
Description  NPN wideband dual transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ540 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ540 Datasheet HTML 1Page - NXP Semiconductors BFQ540 Datasheet HTML 2Page - NXP Semiconductors BFQ540 Datasheet HTML 3Page - NXP Semiconductors BFQ540 Datasheet HTML 4Page - NXP Semiconductors BFQ540 Datasheet HTML 5Page - NXP Semiconductors BFQ540 Datasheet HTML 6Page - NXP Semiconductors BFQ540 Datasheet HTML 7Page - NXP Semiconductors BFQ540 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NXP Semiconductors
Product specification
NPN wideband transistor
BFQ540
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
MRA688
1.0
0.8
0.6
0.4
0.2
0
04
8
12
Cre
(pF)
VCB (V)
Fig.5
Transition frequency as a function of
collector current; typical values.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MRA689
fT
(GHz)
IC (mA)
12
8
4
0
10−1
110
102
VCE = 8V
VCE = 4V
Fig.6
Intermodulation distortion as a function of
collector current; typical values.
VCE = 8 V; Vo = 475 mV; RL =50 Ω.
fp +fq − fr = 793.25 MHz; Tamb =25 °C.
handbook, halfpage
10
60
20
70
60
MBG242
50
40
30
20
30
40
50
dim
(dB)
IC (mA)
Fig.7
Second order intermodulation distortion as
a function of collector current; typical
values.
VCE = 8 V; Vo = 225 mV; RL =50 Ω; fp +fq = 810 MHz;
Tamb =25 °C.
handbook, halfpage
10
60
MBG243
20
30
40
50
20
70
60
50
40
30
d2
(dB)
IC (mA)
Rev. 04 - 25 September 2007
5 of 8


Similar Part No. - BFQ540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ540 NXP-BFQ540 Datasheet
238Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Inchange Semiconductor ...
BFQ540 ISC-BFQ540 Datasheet
120Kb / 3P
   isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFQ540 NXP-BFQ540 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
New Jersey Semi-Conduct...
BFQ540 NJSEMI-BFQ540 Datasheet
77Kb / 2P
   Silicon NPN RF Transistor
More results

Similar Description - BFQ540

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFM505 JMNIC-BFM505_15 Datasheet
71Kb / 10P
   Dual NPN wideband transistor
logo
NXP Semiconductors
BFM505 PHILIPS-BFM505 Datasheet
92Kb / 10P
   Dual NPN wideband transistor
1996 Oct 08
logo
Quanzhou Jinmei Electro...
BFM505_2015 JMNIC-BFM505_2015 Datasheet
71Kb / 10P
   Dual NPN wideband transistor
logo
NXP Semiconductors
BFM520 PHILIPS-BFM520 Datasheet
96Kb / 10P
   Dual NPN wideband transistor
1996 Oct 08
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
BFU520Y PHILIPS-BFU520Y_15 Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1-20 February 2014
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com