Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGN-D-V110B Datasheet(PDF) 2 Page - ITT Industries

Part # EGN-D-V110B
Description  Analog Navigation Disc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EGN-D-V110B Datasheet(HTML) 2 Page - ITT Industries

  EGN-D-V110B Datasheet HTML 1Page - ITT Industries EGN-D-V110B Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–18
C
Operating life
LIFE CYCLING: >3,000,000
ACCELERATED USE CYCLING: >28,000
DOME SWWITCH OPERATING LIFE, (cycles): >500,000
Mechanical Stress
MAXIMUM SINGLE VERTICAL FORCE (grams) : >5,000
MAXIMUM REPEAT VERTICAL FORCE (grams): >2,000
VIBRATION: Pass
DROP TEST: IPXX5
Environmental
OPERATING TEMP (deg C) : -10 to 55
STORAGE TEMP (deg C): -40 to 85
SHIPPING ALTITUDE (feet/m): 40,000/12,200
OPERATING HUMIDITY (%RH): 5<>98
Contamination/Ingress protection
DUST PROTECTION: IP5XX
CONTAMINATION RESISTANCE: HUMAN SKIN
OILS, HAND CREAM: no effect
ROBUST CONTAMINANT RESISTANCE; WATER, SUGAR
WATER, SALT WATER, COFFEEE, COLA,
GASOLINE: IPX4X
EMI/EMC/RFI: N/A
ESD RATING: Pass
ERGO-NAV EGN-D Series
Analog Navigation Disc
RELIABILITY
42
Reference Only
q
q
0
0.30
1.80
Actuator
Center Click
Key Mat / Bellows
PCB
Transducer
Dome Switch
A
span of the pill circle. See included FEA for more information.
TG (typ)
ø
5.15
1.15
REFRENCE
TRACES
SYMMETRY OF
TRACES IS CRITICAL
REFRENCE
TRACES
Note: Trace pattern must retain a flatness to within 0.10 mm across the
Specific test reference / method is available upon request


Similar Part No. - EGN-D-V110B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGN-1-10 VISHAY-EGN-1-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
EGN-10-10 VISHAY-EGN-10-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-10-80 VISHAY-EGN-10-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
More results

Similar Description - EGN-D-V110B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-J-O100A ITT-EGN-J-O100A Datasheet
227Kb / 3P
   Analog Joystick Navigation Device
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
logo
E-SWITCH
JS5208 E-SWITCH-JS5208 Datasheet
74Kb / 1P
   NAVIGATION SWITCHES
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
   NAVIGATION SWITCHES
logo
Suntsu Electronics, Inc...
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Sanyo Semicon Device
LA9200NM SANYO-LA9200NM Datasheet
415Kb / 18P
   Analog Signal Processors for Compact Disc Players
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
   Mobile Navigation Interface IC for Navigation Pad Module
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
logo
E-SWITCH
JS1300 E-SWITCH-JS1300_16 Datasheet
2Mb / 1P
   5 POSITION NAVIGATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com