Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGN-D-W111B Datasheet(PDF) 1 Page - ITT Industries

Part # EGN-D-W111B
Description  Analog Navigation Disc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EGN-D-W111B Datasheet(HTML) 1 Page - ITT Industries

  EGN-D-W111B Datasheet HTML 1Page - ITT Industries EGN-D-W111B Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–17
C
Electrical
TRANSDUCER RESISTANCE: 600
Ω ± 200 Ω
OUT OF CONTACT RESISTANCE:
>10M
REFERENCE RESISTOR VALUE (R):
1,500
Ω ±5%
DOME SWITCH RESISTANCE:
Open>500k
Closed<250
POWERING VOLTAGES:
≤8 - 12 Vdc
# OF A/D INPUTS REQUIRED: One 8 bit ADC
# OF GPIO INTERFACE NEEDED: 4
CONTINOUS USE CURRENT PEAK
TYPICAL/WORST CASE: 1.1mA/1.7 mA
CONTINOUS USE CURRENT AVERAGE
TYPICAL/WORST CASE:
22µA/34µA
SLEEP POWER CONSUMPTION:
0µW
Mechanical
OVERALL HEIGHT (mm): < 2
ACTUATOR DIAMETER (mm): 20
NOMINAL PCB AREA REQUIRED (cir. mm2): 615
NOMINAL DEFLECTION TO FIRST CONTACT (mm): 0.25
MAX. DEFLECTION (mm): <0.75
MIN. FORCE TO FIRST CONTACT (g force): < 30
MAX. OPERATIONAL FORCE (g force): 1000
DOME SWITCH ACTUATION FORCE (g force): 300 typ.
Interface/Output
POINTING MODES: Realtive or Absolute
ANGULAR DIRECTIONS: 360º
ANGULAR RESOLUTION (deg): 1.8º (8 bit)
RATE STEPS: 32
SNAP TO AXIS: Optional
POSITION SAMPLING RATE: 25-40hz
REPEATABILITY: ±2%
Features/Benefits
Omni-directional analog control
Variable speed (rate and control)
Low profile
Low power (instant wake-up)
Intergrated switch (center click)
Force/deflection device
Simple electrical interface
Environmental protection
Long life
Typical Applications
Cell phones
Gaming devices
MP3 players
PDA’s
GPS devices
Remote controls
Laptops
Convergent devices
Others
ERGO-NAV EGN-D Series
Analog Navigation Disc
O for 360º omni-direction wth Z switch
U for 360º omni-direction wthout Z switch
V ffor N-way (N=1,2,4 axis) wth Z switch
W for N-way (N=1,2,4 axis) wthout Z switch
0 without dedicated microcontroller chip
1 with dedicated microcontroller chip
0 without dedicated PCB
1 with dedicated PCB
A adhesive-mount
B process intergration
How To Order
EGN-D-
1 for 20mm actuator diameter
C for custom intergration*
*Custom Integration - ErgoNav EGN-D Series can be customized per the design rules and limitations:
-Nav-disc diameter and actuator height (scalable per the design rules)
-Nav-disc actuator (plastic or silicone; color, surface texture, fashion; process Integration)
_Nav-disc plastic retainer (integratable to device chassis per the design rules)
_Nav-disc silicone sensor pill and pad (process integratable to device membrane elements per the design rules)
-Dedicated microcontroller (contains firmware for quick I/O interface, or firmware compiled into device controller)
NEW!


Similar Part No. - EGN-D-W111B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGN-1-10 VISHAY-EGN-1-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
EGN-10-10 VISHAY-EGN-10-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-10-80 VISHAY-EGN-10-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
More results

Similar Description - EGN-D-W111B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-J-O100A ITT-EGN-J-O100A Datasheet
227Kb / 3P
   Analog Joystick Navigation Device
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
logo
E-SWITCH
JS5208 E-SWITCH-JS5208 Datasheet
74Kb / 1P
   NAVIGATION SWITCHES
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
   NAVIGATION SWITCHES
logo
Suntsu Electronics, Inc...
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Sanyo Semicon Device
LA9200NM SANYO-LA9200NM Datasheet
415Kb / 18P
   Analog Signal Processors for Compact Disc Players
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
   Mobile Navigation Interface IC for Navigation Pad Module
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
logo
E-SWITCH
JS1300 E-SWITCH-JS1300_16 Datasheet
2Mb / 1P
   5 POSITION NAVIGATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com