Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55854UYY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY55854UYY
Description  2 X 2 PROTECTION CROSSPOINT SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55854UYY Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY55854UYY Datasheet HTML 1Page - Micrel Semiconductor SY55854UYY Datasheet HTML 2Page - Micrel Semiconductor SY55854UYY Datasheet HTML 3Page - Micrel Semiconductor SY55854UYY Datasheet HTML 4Page - Micrel Semiconductor SY55854UYY Datasheet HTML 5Page - Micrel Semiconductor SY55854UYY Datasheet HTML 6Page - Micrel Semiconductor SY55854UYY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SuperLite™
SY55854U
Micrel, Inc.
M9999-041206
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
V
CC
Power Supply Voltage
2.3
5.7
2.3
5.7
2.3
5.7
2.3
5.7
V
I
CC
Power Supply Current
60
60
60
60
mA
DC ELECTRICAL CHARACTERISTICS
V
CC = 2.3V to 5.7V; GND = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
ID
Differential Input Voltage
100
——
mV
V
IH
Input HIGH Voltage
1.6
V
CC
V
V
IL
Input LOW Voltage
1.5
V
CC – 0.1
V
V
OH
Output HIGH Voltage
V
CC – 0.020
V
CC – 0.010
V
CC
V
No Load
V
OL
Output LOW Voltage
V
CC – 0.97
V
CC – 0.825
V
CC – 0.660
V
No Load
V
OS
Output Voltage Swing(3)
0.700
0.800
0.950
V
No Load
0.400
100
Ω Environment(5)
0.200
50
Ω Environment(4)
R
DRIVE
Output Source Impedance
80
100
120
CML DC ELECTRICAL CHARACTERISTICS
V
CC = 2.3V to 5.7V; GND = 0V; TA = –40°C to +85°C
(2)
Note 2.
Equilibrium temperature.
Note 3.
Actual voltage levels and differential swing will depend on customer termination scheme. Typically, a 400mV swing is available in the 100
environment and a 200mV swing in the 50
Ω environment. Refer to the “CML Termination” diagram for more details.
Note 4.
See Figure 3a and 3b.
Note 5.
See Figure 4.
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +6.0
V
V
IN
Input Voltage
–0.5 to V
CC +0.5
V
V
OUT
CML Output Voltage
V
CC –1.0 to VCC +0.5
V
T
A
Operating Temperature Range
–40 to +85
°C
T
LEAD
Lead Temperature (soldering, 20 sec.)
260
°C
°C
T
store
Storage Temperature Range
–65 to +150
°C
Note 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional
operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute
maximum ratlng conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY55854UYY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854UYY MICREL-SY55854UYY Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYY MICREL-SY55854UYY Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYYTR MICREL-SY55854UYYTR Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYYTR MICREL-SY55854UYYTR Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results

Similar Description - SY55854UYY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com