Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL16X24B-PF100I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL16X24B-PF100I
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B-PF100I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL16X24B-PF100I Datasheet HTML 1Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B-PF100I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
QL16x24B
4-22
The QL16x24B is a member of the pASIC 1 Family of very-high-speed
CMOS user-programmable ASIC devices. The 384 logic cell field-
programmable gate array (FPGA) offers 4,000 usable ASIC gates
(equivalent to 7,000 PLD gates) of high-performance general-purpose
logic in 84-pin PLCC, 100-pin and 144-pin TQFP, 144-pin CPGA, and
160-pin CQFP.
Low-impedance,
metal-to-metal,
ViaLink
interconnect
technology
provides nonvolatile custom logic capable of operating above 150 MHz.
Logic cell delays under 2 ns, combined with input delays of under 1.5 ns
and output delays under 3 ns, permit high-density programmable devices
to be used with today’s fastest microprocessors and DSPs.
Designs can be entered using QuickLogic’s QuickWorks Toolkit or most
populart third-party CAE tools. QuickWorks combines Verilog/VHDL
design entry and simulation tools with device-specific place & route and
programming software. Ample on-chip routing channels allow fast, fully
automatic place and route of designs using up to 100% of the logic and
I/O cells, while maintaining fixed pin-outs.
Total of 122 I/O pins
– 114 Bidirectional Input/Output pins
– 6 Dedicated Input/High-Drive pins
– 2 Clock/Dedicated input pins with fanout-independent, low-skew
clock networks
Input + logic cell + output delays under 6 ns
Chip-to-chip operating frequencies up to 110 MHz
Internal state machine frequencies up to 150 MHz
Clock skew < 0.5 ns
Input hysteresis provides high noise immunity
Built-in scan path permits 100% factory testing of logic and I/O cells
and functional testing with Automatic Test Vector Generation
(ATVG) software after programming
Packages are 84-pin PLCC, 100-pin and 144-pin TQFP, 144-pin
CPGA, and 160-pin CQFP
84-pin PLCC compatible with QL12x16B
100-pin TQFP compatible with QL8x12B and QL12x16B
144-pin TQFP compatible with QL24x32B
0.65µ CMOS process with ViaLink programming technology
FEATURES
PRODUCT
SUMMARY


Similar Part No. - QL16X24B-PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B-PQ208M ETC1-QL16X24B-PQ208M Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL16X24B-PQ208M883C ETC1-QL16X24B-PQ208M883C Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
More results

Similar Description - QL16X24B-PF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com