Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENH064V1-300 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # ENH064V1-300
Description  Color TFT-LCD Module Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH064V1-300 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  ENH064V1-300 Datasheet HTML 1Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 2Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ENH064V1-300/450
Original specifications created by Sharp.
2
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
CN1 Used connector:
Corresponding connector:
Pin No.
Symbol
Function
Remarks
1
GND
-
-
2
CK
Clock signal for sampling each data signal
-
3HSYNC
Horizontal synchronous signal
(1)
4VSYNC
Vertical synchronous signal
(1)
5
GND
-
-
6
R0
RED data signal (LSB)
-
7
R1
RED data signal
-
8
R2
RED data signal
-
9
R3
RED data signal
-
10
R4
RED data signal
-
11
R5
RED data signal (MSB)
-
12
GND
-
-
13
G0
GREEN data signal (LSB)
-
14
G1
GREEN data signal
-
15
G2
GREEN data signal
-
16
G3
GREEN data signal
-
17
G4
GREEN data signal
-
18
G5
GREEN data signal (MSB)
-
19
GND
-
-
20
B0
BLUE data signal (LSB)
-
21
B1
BLUE data signal
-
22
B2
BLUE data signal
-
23
B3
BLUE data signal
-
24
B4
BLUE data signal
-
25
B5
BLUE data signal (MSB)
-
26
GND
-
-
27
ENAB
Signal to settle the horizontal display position
(2)
28
VCC
+5.0V power supply
-
29
VCC
+5.0V power supply
-
30
R/L
Horizontal display mode select signal
(3)
31
U/D
Vertical display mode select signal
(4)
INPUT TERMINALS
TTL-LCD Panel Driving
The shielding case is not connected with GND.
Note:
1.
480 line, 400 line or 350 line mode is selected by the polarity combination of both
synchronous signals.
2.
The horizontal display start timing is settled in accordance with a rising timing
of ENAB signal. In case ENAB is fixed "Low", the horizontal start timing is
determined as described in Horizontal Display Position, p.6. Don't keep ENAB
"High" during operation.
DF9BA-31P-1V (Hirose Electric Co., LA.)
DF9 -31S-1V (Hirose Electric Co., LA.)
DF9A-31 S-1V (Hirose Electric Co., LA.)
DF9B-31S-1V(Hirose Electric Co., LA.)
DF9M-31S-1V(Hirose Electric Co., LA.)
Mode
480 lines
400 lines
350 lines
HSYNC
negative
negative
positive
VSYNC
negative
positive
negative
1
2
31
30
CN1 pin arrangement from module surface (Transparent view)


Similar Part No. - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
More results

Similar Description - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com