Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENH064V1-300 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # ENH064V1-300
Description  Color TFT-LCD Module Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH064V1-300 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  ENH064V1-300 Datasheet HTML 1Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 2Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 3Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 4Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 5Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 6Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 7Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 8Page - White Electronic Designs Corporation ENH064V1-300 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ENH064V1-300/450
Original specifications created by Sharp.
5
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
BACKLIGHT DRIVING SECTION
The backlight system is an edge-lighting type with single CCFT (Cold Cathode Fluorescent Tube).
The characteristics of a single lamp are shown in the folliowing table..
Parameter
Symbol
MIN
TYP
MAX
Unit
Remark
Lamp current
IL
2.0
6.0
6.5
mArms
(1)
Lamp power consumption
PL
-
2.16
-
W
(2)
Lamp frequency
FL
20
35
60
KHz
(3)
Kickoff voltage
VS
-
-
800
Vrms
tA=25°C
-
-
1000
Vrms
tA=0°C (4)
Lamp life time
LL
-
25000
-
hour
(5)
2.
At the condition of YL= (300) cd/m2
3.
Lamp frequency may produce interference with horizontal synchronous frequency,and this may cause horizontal beat on the display. Therefore, lamp frequency shall be
detached as much as possible from the horizontal synchronous frequency and from the harmonics of horizontal synchronous to avoid interference.
4.
The open output voltage of the inverter shall be maintained for more than 1 sec; otherwise the lamp may not be turned on.
5.
Since lamp is consumables, the life time written above is referential value and it is not guaranteed in this specification sheet by WEDC. Lamp life time is defined that it applied
either (1) or (2) under this condition (Continuous turning on at tA=25°C, IL=6mArms)
1.
Brightness becomes 50% of the original value under standard condition.
2.
Kick-off voltage at tA=0°C exceeds maximum value,1000 Vrms. If operating under lower temp environment, the lamp exhaistion is accelerated and the brightness
becomes lower.
(Continuous operating for around 1 month under lower temp condition may reduce the brightness to half of the original brightness.)
In case of such usage under lower temp environment, periodical lamp exchange is recommended
Note:
1.
The performance of the backlight, for example life time; or brightness, is infuenced by the characteristics of the DC-AC inverter for the lamp. When designing or ordering the
inverter, make sure that poor lighting caused by the mismatch of the backlight and the inverter (mis-lighting,flicker, etc.) do not occur. Once this is confirmed, the module should
be operated in the same condition as it is installed in the instrument.
Notes:
1.
Lamp current is measured with current meter for high frequency as shown below.
Inverter
Module
3 pin is VLOW
1
3
A
~


Similar Part No. - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH064V1-300 WEDC-ENH064V1-300 Datasheet
180Kb / 16P
   ENH064V1-300/450 Color TFT-LCD Module Features
More results

Similar Description - ENH064V1-300

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com