Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ68 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFQ68
Description  NPN 4 GHz wideband transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ68 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFQ68 Datasheet HTML 2Page - NXP Semiconductors BFQ68 Datasheet HTML 3Page - NXP Semiconductors BFQ68 Datasheet HTML 4Page - NXP Semiconductors BFQ68 Datasheet HTML 5Page - NXP Semiconductors BFQ68 Datasheet HTML 6Page - NXP Semiconductors BFQ68 Datasheet HTML 7Page - NXP Semiconductors BFQ68 Datasheet HTML 8Page - NXP Semiconductors BFQ68 Datasheet HTML 9Page - NXP Semiconductors BFQ68 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
September 1995
9
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ68
PACKAGE OUTLINE
UNIT
A
D1
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
8-32
UNC
α
90
°
SOT122A
97-04-18
H
b
H
L
detail X
D
b
5.85
5.58
0.18
0.14
5.97
4.74
cM1
M
1.02
NN3
11.82
11.04
w1
0.381
Q
3.38
2.74
3.86
2.92
H
27.56
25.78
9.91
9.14
3.18
2.66
1.66
1.39
7.50
7.23
6.48
6.22
7.24
6.93
L
N1
max.
0
5
10 mm
scale
D2
M
ceramic
BeO
metal
W
Q
A
N
N1
N3
M1
D
c
X
1
4
3
2
Studded ceramic package; 4 leads
SOT122A
α
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
A
w1
A
M
D1
D2


Similar Part No. - BFQ68

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ60 SIEMENS-BFQ60 Datasheet
121Kb / 5P
   LOW NOISE NPN SILICON MICROVAVE TRANSISTOR UP TO 2 GHz
logo
NXP Semiconductors
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
   NPN 7 GHz wideband transistor
1995 Sep 26
logo
New Jersey Semi-Conduct...
BFQ63 NJSEMI-BFQ63 Datasheet
68Kb / 1P
   TO-72
logo
NXP Semiconductors
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
   NPN 8 GHz wideband transistor
1998 Aug 27
logo
Vishay Siliconix
BFQ67 VISHAY-BFQ67 Datasheet
185Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
More results

Similar Description - BFQ68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
   NPN 4 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com