Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGN-J-U110B Datasheet(PDF) 2 Page - ITT Industries

Part # EGN-J-U110B
Description  Analog Joystick Navigation Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EGN-J-U110B Datasheet(HTML) 2 Page - ITT Industries

  EGN-J-U110B Datasheet HTML 1Page - ITT Industries EGN-J-U110B Datasheet HTML 2Page - ITT Industries EGN-J-U110B Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LINEARITY OF DEVICE OUTPUT:
R^2>0.97
REPEATABILITY OF SINGLE DEVICE OUTPUT:
±2%
SETTING TIME OF SIGNAL VOLTAGE IN DEVICE:
Negligible
RESISTANCE FOR NS OR EW AXIS:
400-10,000
JOYSTICK NOT ACTUATED RESISTANCE:
10M
DOME SWITCH OPEN/CLOSED RESISTANCE:
500k
Ω /250Ω
POWERING VOLTAGES:
1.8-5
# OF A/D INPUTS REQUIRED:
One 8 bit ADC
# OF GPIO INTERFACE NEEDED:
5
ROM REQUIREMENTS:
10kb max
CONTINUOUS USE CURRENT PEAK*
TYPICAL/WORST CASE:
3.1/8.3 mA
CONTINUOUS USE CURRENT AVERAGE*
TYPICAL/WORST CASE:
62/165µA
SLEEP POWER CONSUMPTION:
0µW
* Typical transducers are 800-1600 ohms, worse case current is for 400 ohm transducer
OPERATING LIFE (DEFLECTIONS):
>3M
DOME SWITCH OPERATING LIFE, (CYCLES):
500,000
VIBRATION:
No Effects
PULLOUT FORCE:
2kgf/4.5lbf
DROP TEST:
Pass
EMI/EMC:
Pass
ESD RATING:
Pass
ERGO-NAV EGN-J Series
Analog Joystick Navigation Device
RELIABILITY
ENVIRONMENTAL
ELECTRICAL/SOFTWARE
Series Values
Series Values
OPERATING TEMP (deg C):
-10 TO 45
STORAGE TEMP (deg C):
-30 TO 70
SHIPPING ALTITUDE (feet):
40,000ft (0.2 atm)
RELATIVE HUMIDITY:
0-85%
DUST PROTECTION:
IP5X
CONTAMINATION RESISTANCE: BABY
OIL, HAND CREAM:
No effect
ROBUST CONTAMINANT RESISTANCE; WATER,
SUGAR WATER, SALT WATER, COFFEE:
IPX4
Series Values
C–20
www.ittcannon.com
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
XSEC0001
XSEC0001
2.28
10.03
24
30.5
1.55
19.3
23.4
12.6
5.9
4.1
1
0.08
3.17
1.93
q Sym.
Ø 8.70
1.50
2.10
Ø2.80(4x)
4.60
Typ.
9.30
8.50
1.27
2.54
Typ.
18.60
17
24
9.30
12
30.50
18.60
5.90
Ø 2.50(4x)
R 8.10
Ø 1.15(2x)
q Sym.
Ø 8.70
Ø7
1.50
2.10
Ø3
24
30.50
9.30
9.30
R 8.10
Ø 2.80(4x)
Ø 2.50(4x)
12
Ø 1.15(2x)
18.60
18.60
8.50
17
5.90
1.27
2.54
Typ.
4.60
Typ.
EGN-J-X-2
PCB no switch
PCB with switch
Specific test reference / method is available upon request
** Reference only


Similar Part No. - EGN-J-U110B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGN-1-10 VISHAY-EGN-1-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-1-80 VISHAY-EGN-1-80 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
EGN-10-10 VISHAY-EGN-10-10 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
EGN-10-80 VISHAY-EGN-10-80 Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
More results

Similar Description - EGN-J-U110B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
   Analog Navigation Disc
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
221Kb / 2P
   2-Axis Analog Thumb Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
   Joystick Potentiometer
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Copal Electronics
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
   Thumb Joystick
3/22/2017
logo
Grayhill, Inc
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
   Hall Effect Joystick
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
logo
Grayhill, Inc
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
   Hall Effect Joystick
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com