Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F485 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F485
Description  16-bit Proprietary Microcontroller CMOS
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F485 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F485 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F485 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
MB90480/485 Series
3
s
s
s
s PRODUCT LINEUP
•••• MB90480 series
* : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
switching) about details.
Item
Part number
MB90F481
MB90F482
MB90V480
ROM size
FLASH 192 KB
FLASH 256 KB
RAM size
4 KB
6 KB
16 KB
CPU function
Number of instructions
: 351
Instruction bit length
: 8-bit, 16-bit
Instruction length
: 1 byte to 7 bytes
Data bit length
: 1-bit, 8-bits, 16-bits
Minimum execution time : 40 ns (25 MHz machine clock)
Ports
General-purpose I/O ports: up to 84
General-purpose I/O ports (CMOS output)
General-purpose I/O ports (with pull-up resistance)
General-purpose I/O ports (N-ch open drain)
UART
1 channel, start-stop synchronized
8/16-bit PPG timer
8-bit
× 6 channel/16-bit × 3 channel
8/16-bit up/down
counter/timer
6 event input pins, 8-bit up/down counters: 2
8-bit reload/compare registers: 2
16-bit
I/O timers
16-bit free run timer
Number of channels: 1
Overflow interrupt
Output compare
(OCU)
Number of channels: 6
Pin input factor: A match signal of compare register
Input capture
(ICU)
Number of channels: 2
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt circuit
Number of external interrupt channels: 8 (edge or level detection)
Extended I/O serial interface
2 channels, embedded
Timebase timer
18-bit counter
Interrupt cycles: 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (at 4 MHz base oscillator)
A/D converter
Conversion resolution: 8/10-bit, switchable
One-shot conversion mode (converts selected channel 1 time only)
Scan conversion mode (conversion of multiple consecutive channels,
programmable up to 8 channels)
Continuous conversion mode (repeated conversion of selected channels)
Stop conversion mode (conversion of selected channels with repeated pause)
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum value, at 4 MHz base oscillator)
Low-power consumption
(standby) modes
Sleep mode, stop mode, CPU intermittent mode, watch timer mode, timebase
timer mode
Process
CMOS
Type
FLASH model
Not included security function
Evaluation model,
user terminal,
3 V/5 V versions
Emulator power supply*
Included


Similar Part No. - MB90F485

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F485

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com