Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90803 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90803
Description  16-bit Proprietary Microcontroller CMOS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90803 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90803 Datasheet HTML 3Page - Fujitsu Component Limited. MB90803 Datasheet HTML 4Page - Fujitsu Component Limited. MB90803 Datasheet HTML 5Page - Fujitsu Component Limited. MB90803 Datasheet HTML 6Page - Fujitsu Component Limited. MB90803 Datasheet HTML 7Page - Fujitsu Component Limited. MB90803 Datasheet HTML 8Page - Fujitsu Component Limited. MB90803 Datasheet HTML 9Page - Fujitsu Component Limited. MB90803 Datasheet HTML 10Page - Fujitsu Component Limited. MB90803 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MB90800 Series
7
* : For the circuit type, see section “s I/O CIRCUIT TYPE”.
(Continued)
Pin No.
Pin Name
Circuit
Type*
Status/function
at reset
Description
QFP
7
SEG38
E
Port input
(High-Z)
A segment output terminal of the LCD controller/
driver.
P32
General purpose input/output port.
SI3
Serial data input pin of serial I/O channel 3.
This pin may be used at any time during serial I/O
channel 3 in input mode, so do not use it as other pin
function.
8
SEG39
E
A segment output terminal of the LCD controller/
driver.
P33
General purpose input/output port.
TMCK
Timer clock output pin.
It is effective when permitting the power output.
9, 10
SEG40,
SEG41
E
A segment output terminal of the LCD controller/
driver.
P34, P35
General purpose input/output port.
IC0, IC1
External trigger input pin of input capture channel 0/
channel 1.
11, 12
SEG42,
SEG43
E
A segment output terminal of the LCD controller/
driver.
P36, P37
General purpose input/output port.
OCU0,
OCU1
Output terminal for the Output Compares.
17 to 21
LED0 to
LED4
F
It is a output terminal for LED (IOL = 15 mA).
P40 to P44
General purpose input/output port.
22 to 24
LED5 to
LED7
F
It is a output terminal for LED (IOL = 15 mA).
P45 to P47
General purpose input/output port.
TOT0 to
TOT2
External event output pin of reload timer channel 0
to chanel 2.
It is effective when permitting the external event
output.
25, 26
SEG44 to
SEG45
E
A segment output terminal of the LCD controller/
driver.
P50, P51
General purpose input/output port.
TIN0,
TIN1
External clock input pin of reload timer channel 0,
channel 1.
It is effective when permitting the external clock
input.


Similar Part No. - MB90803

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90803 FUJITSU-MB90803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803PF-G FUJITSU-MB90803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803S FUJITSU-MB90803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803SPF-G FUJITSU-MB90803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90803

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com