Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F804-101PF-G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F804-101PF-G
Description  16-bit Proprietary Microcontroller CMOS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F804-101PF-G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F804-101PF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 11Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 12Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 13Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MB90800 Series
10
(Continued)
* : For the circuit type, see section “s I/O CIRCUIT TYPE”.
Pin No.
Pin Name
Circuit
Type*
Status/function
at reset
Description
QFP
49
SDA
H
Port input
(High-Z)
Data input/output pin of I2C Interface.
This function is enabled when the operation of the
I2C interface is permitted. While the I2C interface is
running, the port must be set for input use.
P74
General purpose input/output port.
(N-ch open drain)
SC2
Serial clock input pin of serial I/O channel 2.
Valid when serial clock output of serial I/O channel 2
is enabled.
50
SCL
H
Clock input/output pin of I2C Interface.
This function is enabled when the operation of the
I2C interface is permitted. While the I2C interface is
running, the port must be set for input use.
P75
General purpose input/output port.
(N-ch open drain)
SO2
Serial data output pin of serial I/O channel 2.
Valid when serial data output of serial I/O channel 2
is enabled.
55 to 57
V0 to V2
J
LCD drive power
supply input
LCD controller/driver.
Reference power terminals of LCD controller/driver.
P80 to P82
General purpose input/output port.
59, 60
COM0,
COM1
D
LCD COM
output
A common output terminal of the LCD controller/
driver.
61, 62
P83, P84
E
Port input
(Hi-Z)
General purpose input/output port.
COM2,
COM3
A common output terminal of the LCD controller/
driver.
32
AVCC
C
Power supply
A/D converter exclusive power supply input pin.
35
AVSS
C
A/D converter-exclusive GND power supply pin.
58
V3
J
LCD controller/driver
Reference power terminals of LCD controller/driver.
15, 65, 90
VCC
These are power supply input pins.
16, 44,
66, 91
VSS
GND power supply pin.


Similar Part No. - MB90F804-101PF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F804-101PF-G FUJITSU-MB90F804-101PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90F804-101PF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com