Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM020701000JBP00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LCM020701000JBP00
Description  Carbon Film, Cylindrical, Fusible Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCM020701000JBP00 Datasheet(HTML) 3 Page - Vishay Siliconix

  LCM020701000JBP00 Datasheet HTML 1Page - Vishay Siliconix LCM020701000JBP00 Datasheet HTML 2Page - Vishay Siliconix LCM020701000JBP00 Datasheet HTML 3Page - Vishay Siliconix LCM020701000JBP00 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LCM0207SI
Vishay Draloric
Metal Film Cylindrical Resistors
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 20002
56
Revision: 15-Feb-06
PERFORMANCE
TEST
CONDITIONS OF TEST
REQUIREMENTS
Endurance Test at 70 °C
IEC 60115-1, 4.25.1
1000 hours at 70 °C, 1.5 hours "ON", 0.5 hours "OFF"
≤ 2 %
Endurance at UCT
IEC 60115-1, 4.25.3
1000 hours at 125 °C without load
≤ 2 %
Thermal Shock
IEC 60115-1, 4.19 and IEC 60068-2-14
Rapid change between upper and lower category temperature,
5 cycles
≤ 0.5 %
Damp Heat Steady State
IEC 60115-1, 4.24 and IEC 60068-2-78
56 days at 40 °C and 93 % relative humidity
≤ 2 %
Resistance to Soldering Heat
IEC 60115-1, 4.18 and IEC 60068-2-58
10 seconds at 260 °C solder bath temperature
≤ 0.25 %
SOLDERING INFORMATION
• For reflow soldering only
• Board has to be thoroughly cleaned after soldering. All flux materials must be completely removed
APPLICABLE SPECIFICATION
• EN 60115-1


Similar Part No. - LCM020701000JBP00

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120 Datasheet
85Kb / 7P
   LINE CONDITIONING MODULE
logo
Crane Aerospace & Elect...
LCM-120 CRANE-LCM-120 Datasheet
86Kb / 7P
   LINE CONDITIONING MODULE 28 VOLT INPUT
LCM-120ES CRANE-LCM-120ES Datasheet
86Kb / 7P
   LINE CONDITIONING MODULE 28 VOLT INPUT
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120_13 Datasheet
266Kb / 7P
   LCM-120 Line Conditioning Module 28 Volt input ??120 watt
logo
Mean Well Enterprises C...
LCM-25 MEANWELL-LCM-25 Datasheet
186Kb / 8P
   25W Multiple-Stage Constant Current Mode LED Driver
More results

Similar Description - LCM020701000JBP00

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FC4 WELWYN-FC4 Datasheet
104Kb / 2P
   Fusible Carbon Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com