Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90348CASPF Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90348CASPF
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90348CASPF Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90348CASPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90348CASPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB90340 Series
5
(Continued)
Part Number
Parameter
MB90F342A(S), MB90F342CA(S), MB90F343A(S)*1, MB90F343CA(S)*1,
MB90F345A(S), MB90F345CA(S), MB90F346A(S), MB90F346CA(S),
MB90F347A(S), MB90F347CA(S), MB90F349A(S), MB90F349CA(S),
MB90341A(S)*1, MB90341CA(S)*1, MB90342A(S)*1, MB90342CA(S)*1,
MB90346A(S), MB90346CA(S), MB90347A(S), MB90347CA(S),
MB90348A(S)*1, MB90348CA(S)*1, MB90349A(S)*1, MB90349CA(S)*1
MB90V340A-101/102
A/D
Converter
devices with ‘C’-suffix
: 24ch
devices without ‘C’-suffix : 16ch
24 input channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit
I/O Timer
(2 channels)
Signals an interrupt when overflowing
Supports Timer Clear when a match with Output Compare (Channel 0, 4)
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit Output
Compare
(8 channels)
Signals an interrupt when 16-bit I/O Timer match output compare registers.
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event
8/16-bit
Programmable Pulse
Generator
(8 channels)
Supports 8-bit and 16-bit operation modes
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
2 channels :
MB90F342A(S), MB90F342CA(S), MB90F345A(S),
MB90F345CA(S), MB90341A(S), MB90341CA(S),
MB90342A(S), MB90342CA(S)
1 channel :
MB90F346A(S), MB90F346CA(S), MB90F347A(S),
MB90F347CA(S), MB90F349A(S), MB90F349CA(S),
MB90346A(S), MB90346CA(S), MB90347A(S),
MB90347CA(S), MB90348A(S), MB90348CA(S),
MB90349A(S), MB90349CA(S)
3 channels
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps


Similar Part No. - MB90348CASPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90348CE FUJITSU-MB90348CE Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90348CE FUJITSU-MB90348CE Datasheet
1Mb / 84P
   16-bit Microcontroller
MB90348CEPF FUJITSU-MB90348CEPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90348CEPF CYPRESS-MB90348CEPF Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90348CEPFV FUJITSU-MB90348CEPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90348CASPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com