Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWY8900 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLWY8900
Description  TELUX LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWY8900 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLWY8900 Datasheet HTML 1Page - Vishay Siliconix TLWY8900 Datasheet HTML 2Page - Vishay Siliconix TLWY8900 Datasheet HTML 3Page - Vishay Siliconix TLWY8900 Datasheet HTML 4Page - Vishay Siliconix TLWY8900 Datasheet HTML 5Page - Vishay Siliconix TLWY8900 Datasheet HTML 6Page - Vishay Siliconix TLWY8900 Datasheet HTML 7Page - Vishay Siliconix TLWY8900 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83212
Rev. 1.8, 09-Jun-06
Vishay Semiconductors
TLWR/Y8900
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Relative Intensity vs. Wavelength
16200
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
Angular Displacement
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
570 580 590 600 610 620 630 640 650 660 670
λ - Wavelength (nm)
16007
Red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
λ - Wavelength (nm)
16008
Yellow
Figure 6. Forward Current vs. Forward Voltage
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Relative Luminous Flux vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF - Forward Voltage (V)
20176
Red
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF - Forward Voltage (V)
15975
Yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
15978
Red


Similar Part No. - TLWY8900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWY8900 VISHAY-TLWY8900 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
TLWY8900 VISHAY-TLWY8900 Datasheet
331Kb / 9P
   TELUX LED
01-Jan-2022
TLWY8900 VISHAY-TLWY8900 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V01 Datasheet
331Kb / 9P
   TELUX LED
01-Jan-2022
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
More results

Similar Description - TLWY8900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com